Electronic Components Datasheet Search
  English  ▼

X  

HT86384 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT86384
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86384 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT86384 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
HT86XXX
Rev. 1.70
31
May 6, 2004
Mask Option
Mask Option
Description
PA Wake-up
Enable/disable PA wake-up function
Watchdog Timer (WDT)
Enable/disable WDT function
One or two CLR instruction
WDT clock source is from WDTOSC or T1
External INT Trigger Edge
External INT is triggered on falling edge only, or is triggered on falling and rising
edge.
Timer 3 Clock Source
Timer3
¢s clock source is from T1, or is from the external 32kHz crystal which is
connected to XIN and XOUT.
External Timer 0/1 Clock Source Enable/disable external timer of timer 0 and timer 1, share with PC4 and PC5.
PA Pull-high
Enable/disable PA pull-high
PB Pull-high
Enable/disable PB pull-high
PC Pull-high
Enable/disable PC pull-high
fOSC
- ROSC Table (VDD=3V)
fOSC
ROSC
4MHz
±10%
6MHz
±10%
8MHz
±10%
100k
W
75k
W
62k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com