Electronic Components Datasheet Search
  English  ▼

X  

NDS Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # NDS
Description  RoHS-compliant for all six substances
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

NDS Datasheet(HTML) 2 Page - Bel Fuse Inc.

  NDS Datasheet HTML 1Page - Bel Fuse Inc. NDS Datasheet HTML 2Page - Bel Fuse Inc. NDS Datasheet HTML 3Page - Bel Fuse Inc. NDS Datasheet HTML 4Page - Bel Fuse Inc. NDS Datasheet HTML 5Page - Bel Fuse Inc. NDS Datasheet HTML 6Page - Bel Fuse Inc. NDS Datasheet HTML 7Page - Bel Fuse Inc. NDS Datasheet HTML 8Page - Bel Fuse Inc. NDS Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
NDS Series
tech.support@psbel.com
MODEL
INPUT
VOLTAGE
VDC
INPUT
CURRENT, MAX
A
OUTPUT
VOLTAGE
V
OUTPUT
CURRENT
A
OUTPUT
RIPPLE/NOISE,
mV P-P
TYPICAL
EFFICIENCY
%
NDS03ZE-M6G
36 - 75
0.35
3.3
3.0
75
85
NDS02ZG-M6G
36 - 75
0.35
5.0
2.0
90
87
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long term reliability, and
cause permanent damage to the converter.
All specifications apply over input voltage, output load, and temperature range, unless otherwise noted.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage (Vi)
Continuous
36
75
VDC
Transient Input Voltage (VIT)
Transient, 100 ms
100
VDC
Operating Case Temperature (TC)
At 100% load
-40
100
ºC
Storage Temperature (TS)
-55
120
°C
ON/OFF Control Voltage (VRC)
Referenced to -Vi
-1.0
5.5
V
All specifications apply over specified input voltage, output load and temperature range, unless otherwise noted.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Shock
IEC68-2-27
100
gn
Sinusoidal Vibration
IEC68-2-6
10
gn
Weight
10
g
Water Washing
Standard process
Yes
N/A
MTBF
Per Bellcore TR-NWT-000332
(100% load @25 °C, GB)
6 052 000
h
All specifications apply over specified input voltage, output load and temperature range, unless otherwise noted
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
PARAMETER
Insulation Safety
Rating
Vi = 36 – 75 VDC
Basic
N/A
1500
VDC
Electric Strength Test Voltage
I
nsulation Capacitance (Cps)
4100
pF
Insulation Resistance (Rps)
10
M
Ω
All specifications apply over specified input voltage, output load and temperature range, unless otherwise noted
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Operating Input Voltage Range (Vi)
Continuous
36
48
75
V
Input Current when Shutdown
Vi , Remote Control activated
3
6
mA
Turn-On Input Voltage 36 – 75 Vi
Ramping Up, Io max
32
34
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com