Electronic Components Datasheet Search
  English  ▼

X  

NDS Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # NDS
Description  RoHS-compliant for all six substances
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

NDS Datasheet(HTML) 4 Page - Bel Fuse Inc.

  NDS Datasheet HTML 1Page - Bel Fuse Inc. NDS Datasheet HTML 2Page - Bel Fuse Inc. NDS Datasheet HTML 3Page - Bel Fuse Inc. NDS Datasheet HTML 4Page - Bel Fuse Inc. NDS Datasheet HTML 5Page - Bel Fuse Inc. NDS Datasheet HTML 6Page - Bel Fuse Inc. NDS Datasheet HTML 7Page - Bel Fuse Inc. NDS Datasheet HTML 8Page - Bel Fuse Inc. NDS Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
NDS Series
tech.support@psbel.com
TYPICAL CHARACTERISTIC CURVES
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Output Voltage Set Point (Vo)
Vi nom, Io = 1.5 A, 25 °C
4.94
5.0
5.06
V
Output Current (Io)
Vi min to Vi max
0
2.0
A
Line Regulation
Vi min to Vi max, 50% Io max
65
mV
Load Regulation
Vi nom, Io min to Io max
65
mV
Dynamic Regulation:
50-100% Io.Max load step
Peak Deviation
change
±350
mV
Settling Time
to 1% error band
250
μs
Output Ripple and Noise – 20 MHz bandwidth2 (Vr) Vi min to Vi max, Io min to Io max,
75
125
mVpp
Admissible Load Capacitance (Co max)
Io max, Vi nom
2200
μF
Output Current Limit Threshold (IoL)
Vo ≤0.90 Vo nom
120
200
%Iomax
Switching Frequency (fs)
Vi nom, Io max
400
kHz
Temperature Coefficient (Tco)
0.02
%Vo/°C
Trim Range (Vt)
Io min to Io min, Vi min to Vi max
4.5
5.5
Vo
2 Measured with a 1 μF ceramic across the output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com