Electronic Components Datasheet Search
  English  ▼

X  

NDS Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # NDS
Description  RoHS-compliant for all six substances
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

NDS Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button NDS Datasheet HTML 3Page - Bel Fuse Inc. NDS Datasheet HTML 4Page - Bel Fuse Inc. NDS Datasheet HTML 5Page - Bel Fuse Inc. NDS Datasheet HTML 6Page - Bel Fuse Inc. NDS Datasheet HTML 7Page - Bel Fuse Inc. NDS Datasheet HTML 8Page - Bel Fuse Inc. NDS Datasheet HTML 9Page - Bel Fuse Inc. NDS Datasheet HTML 10Page - Bel Fuse Inc. NDS Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
NDS Series
tech.support@psbel.com
RECOMMENDED REFLOW PROFILE (measured at the leads of the converter)
PRODUCT
PRE-HEAT RAMP
PRE-HEAT SOAKING
RAMP
TO
REFLOW
REFLOW
COOLING
From
To
Rate
From
To
Time
Rate
Time
above
liquids
Peak
temp.
Time within
±5 ºC of
peak temp
Time
to
peak
Rate
ºC
ºC
ºC/s
ºC
ºC
s
ºC
s
ºC
s
s
ºC/s
M6
(Sn-Pb eutectic)
25
150
2
150
183
90-120
2
45
220±5
10
180
3
M6G (lead free)
25
180
2
180
217
90-120
2
45
240±5
10
210
3
WORST CASE REFLOW PARAMETERS FOLLOWING J-STD-020D (measured in the center, on top side of the converter)
PRODUCT
PRE-HEAT RAMP
PRE-HEAT SOAKING
RAMP
TO
REFLOW
REFLOW
COOLING
From
To
Rate
From
To
Max.
Time
Rate
Max.
time
above
liquids
Max.
peak
temp.
Max. time
within ±5
ºC of peak
temp
Max.
time
to
peak
Rate
ºC
ºC
ºC/s
ºC
ºC
s
ºC
s
ºC
s
s
ºC/s
M6
(Sn-Pb eutectic)
25
150
3
100
150
120
3
45
230
10
360
6
M6G (lead free)
25
180
3
150
200
120
3
45
260
10
480
6
The following soldering instructions must be observed to prevent failure or significant degradation of the module
performance. Power Bel Solutions will not honor any warranty claims arising from failure to observe these instructions. The
lead-frame is constructed for a high temperature glass filled, UL94 V-0 flame retardant, dually orthophthalate molding
compound commonly used for packaging of electronics components. It has passed NASA outgassing tests, and is certified
to MIL-M-14. The coefficient of thermal expansion is equivalent to FR4.
The gull wing leads are formed to ensure optimal solder join strength and structure. Furthermore they facilitate visual
inspection (manual or automatic). The leads are formed from a 97% Cu alloy plated with Ni and matte Sn. This material is
commonly used in the manufacture of integrated circuits. It has good corrosion resistance and exhibits the nobility inherent
to all high copper alloys. Unlike brasses, this material is essentially immune to stress corrosion cracking. It also exhibits
excellent solderability. It is readily wetted by solders and performs well in standard solderability tests. (Dip of Class II or
better).
The product is manufactured with a patented process, which is fully automated, and ‘in-line’. This ensures that there is no
contamination or mechanical stress on the lead-frame so that the co planarity and solderability are maintained. The product
is shipped in JEDEC trays to ensure preservation of the co-planarit and enable fully automated assembly in the final
application. Mind the marking for pin 1! These products are approved for forced convection reflow soldering only. Products
RoHS-compliant for all 6 substances (model designation ending with -M6G) allow for a solder profile with higher
temperatures; see tables below.
The product is designed with a large flat area in the center of the top surface to serve as a pick up point for automated
vacuum pick and place equipment. The ‘open board’ construction of the unit ensures that weight is kept to a minimum.
However due to the relatively large size of the component, a large nozzle (>6.0mm, depending on vacuum pressure) is
recommended for picking and placing. The unit may also be automatically handled using ‘odd-form’ placement equipment,
with mechanical grippers. For this type of equipment the end edges of the device, which have no leads and also feature the
greatest dimensional accuracy, should be used as pick-up points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com