Electronic Components Datasheet Search
  English  ▼

X  

NDS Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # NDS
Description  RoHS-compliant for all six substances
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

NDS Datasheet(HTML) 5 Page - Bel Fuse Inc.

  NDS Datasheet HTML 1Page - Bel Fuse Inc. NDS Datasheet HTML 2Page - Bel Fuse Inc. NDS Datasheet HTML 3Page - Bel Fuse Inc. NDS Datasheet HTML 4Page - Bel Fuse Inc. NDS Datasheet HTML 5Page - Bel Fuse Inc. NDS Datasheet HTML 6Page - Bel Fuse Inc. NDS Datasheet HTML 7Page - Bel Fuse Inc. NDS Datasheet HTML 8Page - Bel Fuse Inc. NDS Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NDS Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00013_AD
17-Oct-2016
TYPICAL CHARACTERISTIC CURVES
This series of converters does not require any external components for proper operation. However, if the distribution of the input
voltage to the converter contains significant inductance, a capacitor across the input terminals may be required to stabilize the
input voltage. A minimum of 1
μF, quality electrolytic / ceramic capacitor is recommended for this purpose. For output decouplingit
is recommend connecting a 1
μF ceramic capacitor directly across the output pins of the converter.
8.1
The remote control pin functions as a normal soft shutdown. It is referenced to the –Vi pin. With positive logic, when the
remote control pin is pulled low, the output is turned off and the unit goes into a very low input power mode. An open
collector switch is recommended to control the voltage between the remote control pin and the –Vi pin of the converter.
The remote control pin is pulled up internally, so no external voltage source is required. The user should avoid connecting
a resistor between the remote control pin and the +Vi pin. The user must take care to ensure that the pin reference for the
control is connected close to the –Vi pin. The control signal must not be referenced ahead of EMI filtering, or remotely from
the unit. If the remote control pin is not used, it can be left floating.
8.2
The converter is designed for natural or forced convection cooling. The output power of the converter is limited by the
maximum case temperature (Tc). To ensure reliable long term operation of the converters, and to comply with safety
agency requirements,
Bel Power Solutions limits max. allowable case temperature (Tc) to 100 °C; see Mech. Drawing.
8.3
Paralleling of two converters is not possible.
8.4
When the output is overloaded above the maximum output current rating, the voltage will start to reduce to maintain the
output power to a safe level. In a condition of high overload or short-circuit, where the output voltage is pulled below
approximately 30% of Vo.Nom, the unit will enter a ‘Hiccup’ mode of operation. Under this condition the unit will attempt
to restart, approximately every 25 ms, until the overload has cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com