Electronic Components Datasheet Search
  English  ▼

X  

NDS Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # NDS
Description  RoHS-compliant for all six substances
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

NDS Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button NDS Datasheet HTML 2Page - Bel Fuse Inc. NDS Datasheet HTML 3Page - Bel Fuse Inc. NDS Datasheet HTML 4Page - Bel Fuse Inc. NDS Datasheet HTML 5Page - Bel Fuse Inc. NDS Datasheet HTML 6Page - Bel Fuse Inc. NDS Datasheet HTML 7Page - Bel Fuse Inc. NDS Datasheet HTML 8Page - Bel Fuse Inc. NDS Datasheet HTML 9Page - Bel Fuse Inc. NDS Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
NDS Series
tech.support@psbel.com
Note:
When the output voltage is trimmed up, the output power from the converter must not exceed its maximum rating. This is
determined by measuring the voltage on the output pins, and multiplying it by the output current.
The derating curves below give an indication of the output power achievable with and without forced-air cooling. However in the
final application, in order to ensure the reliability of the unit, care must be taken to ensure the maximum case temperature is not
exceeded under any conditions.
8.5
The trim feature allows the user for adjusting the output voltage by means of an external resistor. To increase Vo resistor
should be connected between pins 12 and 14. To decrease Vo a resistor should be connected between pins 12 and 13.
To increase Vo:
To reduce Vo:
Vonom)
-
(Vo
(DxVo)
-
(A
xt
R
e
[
Ω]
Vo)
-
(Vonom
C)
-
Vo)
x
((B
xt
R
e
[
Ω]
MODEL
A
B
C
D
NDS03ZE-M6G
7010
3161
7010
1500
NDS02ZG-M6G
11260
4532
11240
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com