Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices AD7927 Datasheet HTML 18Page - Analog Devices AD7927 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7927
Data Sheet
Rev. D | Page 14 of 28
SHADOW REGISTER
Table 10. Shadow Register Bit Functions
MSB
LSB
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
--------------------------------SEQUENCE ONE--------------------------------
--------------------------------SEQUENCE TWO--------------------------------
The shadow register on the AD7927 is a 16-bit, write-only register.
Data is loaded from the DIN pin of the AD7927 on the falling
edge of SCLK. The data is transferred on the DIN line at the
same time that a conversion result is read from the part. This
requires 16 serial clock falling edges for the data transfer. The
information is clocked into the shadow register, provided that
the SEQ and SHADOW bits were set to 0, 1, respectively, in the
previous write to the control register. MSB denotes the first bit
in the data stream. Each bit represents an analog input from
Channel 0 to Channel 7. Through programming the shadow
register, two sequences of channels may be selected, through
which the AD7927 cycles with each consecutive conversion
after the write to the shadow register. Sequence One is per-
formed first and then Sequence Two. If the user does not
wish to perform a second sequence option, then all 0s must be
written to the last eight LSBs of the shadow register. To select a
sequence of channels, the associated channel bit must be set for
each analog input. The AD7927 continuously cycles through
the selected channels in ascending order, beginning with the
lowest channel, until a write operation occurs (that is, the WRITE
bit is set to 1) with the SEQ and SHADOW bits configured in
any way except 1, 0 (see Table 9). The bit functions are outlined
in Table 10.
CS
CS
DOUT: CONVERSION RESULT FROM
PREVIOUSLY SELECTED CHANNEL
A2 TO CHANNEL A0.
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT CHANNEL A2 TO CHANNEL A0
FOR CONVERSION.
SEQ = SHADOW = 0
WRITE BIT = 1,
SEQ = SHADOW = 0
DUMMY CONVERSION
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT CHANNEL A2 TO CHANNEL A0
FOR CONVERSION.
SEQ = SHADOW = 0
POWER-ON
Figure 11. SEQ Bit = 0, SHADOW Bit = 0 Flowchart
Figure 11 reflects the traditional operation of a multichannel
ADC, where each serial transfer selects the next channel for
conversion. In this mode of operation, the sequencer function
is not used.
Figure 12 shows how to program the AD7927 to continuously
convert on a particular sequence of channels. To exit this mode
of operation and revert back to the traditional mode of opera-
tion of a multichannel ADC (as outlined in Figure 11), ensure
that the WRITE bit = 1 and the SEQ = SHADOW = 0 on the
next serial transfer. Figure 13 shows how a sequence of consecu-
tive channels can be converted on without having to program
the shadow register or write to the part on each serial transfer.
Again, to exit this mode of operation and revert back to the
traditional mode of operation of a multichannel ADC (as
outlined in Figure 11), ensure the WRITE bit = 1 and the
SEQ = SHADOW = 0 on the next serial transfer.
WRITE BIT = 0
WRITE BIT = 0
WRITE BIT = 1,
SEQ = 1 SHADOW = 0
WRITE BIT = 0
CONTINUOUSLY
CONVERTS ON THE
SELECTED
SEQUENCE OF
CHANNELS BUT
ALLOWS RANGE,
CODING, AND SO ON,
TO CHANGE IN THE
CONTROL REGISTER
WITHOUT INTERRUPT-
ING THE SEQUENCE,
PROVIDED SEQ = 1,
SHADOW = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
CONTINUOUSLY
CONVERTS ON THE
SELECTED
SEQUENCE OF
CHANNELS
DOUT: CONVERSION RESULT FROM PREVIOUSLY
SELECTED CHANNEL A2 TO CHANNEL A0.
DIN: WRITE TO SHADOW REGISTER, SELECTING
WHICH CHANNELS TO CONVERT ON; CHANNELS
SELECTED NEED NOT BE CONSECUTIVE CHANNELS
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT CHANNEL A2 TO CHANNEL A0
FOR CONVERSION.
SEQ = 0, SHADOW = 1
DUMMY CONVERSION
DIN = ALL 1s
CS
CS
CS
POWER-ON
Figure 12. SEQ and SHADOW Conversion Flowchart to Continuously Convert
a Sequence of Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com