Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7927 Datasheet HTML 21Page - Analog Devices AD7927 Datasheet HTML 22Page - Analog Devices AD7927 Datasheet HTML 23Page - Analog Devices AD7927 Datasheet HTML 24Page - Analog Devices AD7927 Datasheet HTML 25Page - Analog Devices AD7927 Datasheet HTML 26Page - Analog Devices AD7927 Datasheet HTML 27Page - Analog Devices AD7927 Datasheet HTML 28Page - Analog Devices AD7927 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
AD7927
Rev. D | Page 25 of 28
For example, if the ADSP-2189 had a 20 MHz crystal such that
it had a master clock frequency of 40 MHz, then the master
cycle time would be 25 ns. If the SCLKDIV register is loaded
with the value of 3, then an SCLK of 5 MHz is obtained and
eight master clock periods elapse for every one SCLK period.
Depending on the throughput rate selected, if the timer registers
are loaded with the value, of 803, for example, then 100.5 SCLKs
occur between interrupts and subsequently between transmit
instructions. This situation results in sampling that is not equi-
distant as the transmit instruction is occurring on a SCLK edge.
If the number of SCLKs between interrupts is a whole integer
figure of N, then equidistant sampling is implemented by the DSP.
AD7927 TO DSP563xx
The connection diagram in Figure 31 shows how the AD7927
can be connected to the enhanced synchronous serial interface
(ESSI) of the DSP563xx family of DSPs from Motorola. Each
ESSI (two on board) is operated in synchronous mode (SYN
bit in CRB = 1) with internally generated word length frame
sync for both TX and RX (Bit FSL1 = 0 and Bit FSL0 = 0 in
CRB). Normal operation of the ESSI is selected by making
MOD = 0 in the CRB. Set the word length to 16 by setting bits
WL1 = 1 and WL0 = 0 in CRA. The FSP bit in the CRB should
be set to 1 so the frame sync is negative. It should be noted that
for signal processing applications, it is imperative that the frame
synchronization signal from the DSP563xx provides equidistant
sampling.
In the example shown in Figure 31, the serial clock is taken
from the ESSI so the SCK0 pin must be set as an output, SCKD
= 1. The VDRIVE pin of the AD7927 takes the same supply voltage
as that of the DSP563xx. This allows the ADC to operate at a
higher voltage than the serial interface, that is, DSP563xx, if
necessary.
SCK
SRD
STD
SC2
SCLK
DOUT
DIN
AD7927*
DSP563xx*
CS
VDRIVE
VDD
*ADDITIONAL PINS REMOVED FOR CLARITY.
Figure 31. Interfacing to the DSP563xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com