Electronic Components Datasheet Search
  English  ▼

X  

BCP75W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BCP75W Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BCP Models
7 5 W , D U A L O U T P U T , M I X E D - V O L T A G E D C / D C C O N V E R T E R S
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage, balanced "full-load" conditions, unless noted. ➀
Input
Input Voltage Range:
D24 Models
18-36 Volts (24V nominal)
D48 Models
36-75 Volts (48V nominal)
Overvoltage Shutdown: ➁
D24 Models
37.5-40.5 Volts (39V typical)
D48 Models
78.8-87.0 Volts (83V typical)
Start-Up Threshold: ➁
D24 Models
15.5-18 Volts (16.5V typical)
D48 Models
33.5-36 Volts (34.4V typical)
Undervoltage Shutdown: ➁
D24 Models
14-16 Volts (15.3V typical)
D48 Models
30.5-33.5 Volts (31.8V typical)
Input Current:
Normal Operating Conditions
See Ordering Guide
Minimum Input Voltage:
D24 Models
5.02 Amps maximum
D48 Models
2.51 Amps maximum
Standby Mode:
Off, OV, UV, Thermal Shutdown
17mA typical
Input Reflected Ripple Current:
Source Impedance <0.1
Ω
22µF Low-ESR Capacitor
53mArms, 150mAp-p maximum
Input Filter Type
Pi (0.47pF - 4.7µH - 3µF)
Reverse-Polarity Protection: ➁
D24 Models
1 minute duration, 6A maximum
D48 Models
1 minute duration, 4A maximum
On/Off Control: (Pin 3) ➁ ➂ ➄
D24 & D48 Models
On = open or 2.0 - +VIN, IIN = 50µA max.
Off = 0-0.6V, IIN = 1mA max.
D24N & D48N" Models
On = 0-0.6V, IIN = 1mA max.
Off = open or 2.0 - +VIN, IIN = 50µA max.
Output
VOUT Accuracy
5V Output
±2% maximum
3.3V Output
±2% maximum
Minimum Loading Per Specification
No load
Ripple/Noise (20MHz BW) ➁ ➃
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide and Efficiency Curves
Trim Range ➁
±10% independent
Isolation Voltage:
Input-to-Output
1500Vdc minimum
Input-to-Case
1000Vdc minimum
Output-to-Case
1000Vdc minimum
Isolation Capacitance
470pF
Isolation resistance
100M
Ω
Current Limit Inception: ➁
5V @ 98% VOUT (3.3V no-load)
16-20 Amps
3.3V @ 98% VOUT (5V no-load)
16-20 Amps
Short Circuit Current: ➁
Constant current 25A, indefinite
Temperature Coefficient
±0.02% per °C
Overvoltage Protection: ➁
Magnetic feedback, latching
5V Output
6.8 volts
3.3V Output
4.5Volts
Dynamic Characteristics
Dynamic Load Response:
5V (50-100% load step to 1% VOUT)
450µsec maximum
3.3V (50-100% load step to 1% VOUT)
450µsec maximum
Start-Up Time: ➁
VIN to VOUT
30msec maximum
On/Off to VOUT
20msec maximum
Switching Frequency
350kHz (±35kHz)
Environmental
MTBF
Bellcore, ground fixed, controlled
D24 Models
1.49M hours (case @ 50°C)
D48 Models
1.72M hours (case @ 50°C)
Operating Temperature (Ambient):
θ Case to Ambient, No Heatsink
6.8°C/Watt
Without Derating
–40 to +45°C (with heat sink)
With Derating
To +100°C (See Derating Curves)
Case Temperature:
Maximum Allowable
+100°C
For Thermal Shutdown ➁
+100°C minimum, +110°C maximum
Storage Temperature
–40 to +120°C
Physical
Dimensions
2.3" x 2.4" x 0.525" (58.4 x 61 x 13.3mm)
Case (Baseplate) Connection ➁
Pin 2
Case/Pin Material
Diallyl phthalate, UL94V-0 rated, aluminum
baseplate; solder-tinned brass pins
Weight
4.2 ounces (118 grams)
Primary to Secondary Insulation Level Basic
Absolute Maximum Ratings
➀
Models are specified at "full load" (5V & 3.3V @ 7.5A), with an external 22µF, low-ESR,
input capacitor and 10µF tantalum in parallel with 1µF ceramic output capacitors.
➁
See Technical Notes for details.
➂
Devices may be ordered with opposite polarity (pin 3 open = off). See Part Number
Suffixes and Technical Notes for additional information.
➃
Output noise may be further reduced with the installation of additional external output
capacitors. See Technical Notes.
➄
These signals must be referenced to the input return pin (–VIN).
➅
Demonstrated MTBF available on request.
Input Voltage:
Continuous:
D24 Models
40.5 Volts
D48 Models
87 Volts
Transient (100msec): D24 Models
50 Volts
D48 Models
100 Volts
Input Reverse-Polarity Protection ➁
Input Current must be limited. 1 minute
duration. Fusing recommended.
D24 Models
6 Amps
D48 Models
4 Amps
Output Overvoltage Protection ➁
3.3V Outputs
3.8 Volts, latching
5V Outputs
6.2 Volts, latching
Output Current ➁
Current limited. Devices can withstand
an indefinite output short circuit.
Storage Temperature
–40 to +120°C
Lead Temperature (Soldering, 10 sec.) +300°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied, nor recommended.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com