Electronic Components Datasheet Search
  English  ▼

X  

BCP75W Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 10Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 11Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BCP Models
7 5 W , D U A L O U T P U T , M I X E D - V O L T A G E D C / D C C O N V E R T E R S
90
88
86
84
82
80
78
76
74
72
70
68
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+5V Output Current (Amps)
5V Efficiency vs. Load
(+3.3V Output @ 0 Amps.)
VIN = 36V
VIN = 30V
VIN = 24V
VIN = 18V
75.0
72.5
70.0
67.5
65.0
62.5
60.0
57.5
55.0
52.5
50.0
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+3.3V Output Current (Amps)
VIN = 36V
VIN = 18V
VIN = 24V
VIN = 30V
3.3V Efficiency vs. Load
(+5V Output @ 0 Amps.)
90
88
86
84
82
80
78
76
74
72
70
68
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+5V Output Current (Amps)
VIN = 36V
VIN = 75V
VIN = 60V
VIN = 48V
5V Efficiency vs. Load
(+3.3V Output @ 0 Amps)
78
76
74
72
70
68
66
64
62
60
58
56
54
3.3V Efficiency vs. Load
(+5V Output @ 0 Amps.)
1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+3.3V Output Current (Amps)
VIN = 75V
VIN = 48V
VIN = 60V
VIN = 36V
D24 Model
D48 Model
Typical Performance Curves
11
90
88
86
84
82
80
78
76
74
72
70
36
40.4
44.7
49
53.3
57.7
62
66.3
70.7
75
Input Voltage (Volts)
Overall Efficiency vs. Line and Load
+3.3V @ 0A and +5V @15A
+3.3V @ 3.75A and +5V @11.25A
+3.3V @ 7.5A and +5V @7.5A
+3.3V @ 15A and +5V @0A
90
88
86
84
82
80
78
76
74
72
70
36
40.4
44.7
49
53.3
57.7
62
66.3
70.7
75
Input Voltage (Volts)
Overall Efficiency vs. Line and Load
+3.3V @ 0A and +5V @15A
+3.3V @ 3.75A and +5V @11.25A
+3.3V @ 7.5A and +5V @7.5A
+3.3V @ 15A and +5V @0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com