Electronic Components Datasheet Search
  English  ▼

X  

BCP75W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BCP75W Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7 5 W , D U A L O U T P U T , M I X E D - V O L T A G E D C / D C C O N V E R T E R S
XCP Series
Performance Specifications and Ordering Guide ➀
V1 Nominal Output Voltage: 5 Volts
5
BCP
15
-
/
D24
-
Input Voltage Range:
D24 = 18-36 Volts (24V nominal)
D48 = 36-75 Volts (48V nominal)
I1 Maximum Output Current: 15A
Dual Output/
Standard Half-Brick Package
P A R T N U M B E R S T R U C T U R E
3.3 15
/
-
N
V2 Nominal Output Voltage: 3.3 Volts
I2 Maximum Output Current: 15A
Optional Functions
Blank
On/Off Control function (positive polarity) on pin 3
N
On/Off Control function (negative polarity) on pin 3
L1
Pin length: 0.110 in. (2.79mm) ±0.010
L2
Pin length: 0.145 in. (3.68mm) ±0.010
Refer to last page for additional options
BCP-5/15-3.3/15-D24
5
15
50
100
±0.2%
±0.5%
24
18-36
215/3720
84%
87.2%
C19, P29
3.3
15
50
100
±0.2%
±0.6%
BCP-5/15-3.3/15-D48
5
15
50
100
±0.2%
±0.5%
48
36-75
125/1860
84%
88%
C19, P29
3.3
15
50
100
±0.2%
±0.6%
➀
Typical at TA = +25°C under nominal line voltage and balanced "full-load" (5V @7.5A, 3.3V @ 7.5A)
conditions unless otherwise noted.
➁
Ripple/Noise (R/N) measured over a 20MHz bandwidth. All models are specified with 22µF, low-ESR,
input capacitor and 10µF tantalum in parallel with 1µF ceramic output capacitors.
Output
Input
➂
No load to 100% load, other output at no-load.
➃
Nominal line voltage, no-load/5V at full-load condition.
➄
Current from either output at maximum value, or both outputs to a combined total of 15 A.
➅
5V at full-load condition.
R/N (mVp-p)
Regulation (Max.)
Efficiency
➅
Package
VOUT
IOUT ➄
VIN Nom.
Range
IIN ➃
(Case,
Model
(Volts)
(Amps)
Typ.
Max.
Line
Load ➂
(Volts)
(Volts)
(mA)
Min.
Typ.
Pinout)
Pin
Function P29
Pin
Function P29
1
–Input
6
5V Return
2
Case (Baseplate)
7
+5V Output
3
On/Off Control
8
3.3V Trim
4
+Input
9
3.3V Return
5
5V Trim
10
+3.3V Output
M E C H A N I C A L S P E C I F I C A T I O N S
Optional Heat Sink (Part Number HS-CPLP2)
0.30
(7.62)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
2.40
(60.96)
1.000
(25.40)
1.900
(48.26)
2.30
(58.42)
1
2
3
4
9
10
8
7
6
5
2.000
(50.80)
(4) THREADED INSERTS
#M3 THD THRU
0.20
(5.08)
0.20
(5.08)
0.200
(5.08)
BOTTOM VIEW
0.300
(7.62)
0.600
(15.24)
1.300
(33.02)
1.600
(40.64)
METAL BASEPLATE
PLASTIC SHELL
0.20 MIN
(5.08)
0.545 (13.84) MAX.
0.525 (13.34) TYP.
0.040 ±0.002 DIA.
(1.016 ±0.051)
DIMENSIONS ARE IN INCHES (MM)
Case C19
I/O Connections
2.000
(50.80)
2.30
(58.42)
1.900
(48.26)
2.40
(60.96)
0.20
(5.08)
0.147 DIA. (3.734)
(4 PLACES)
0.20
(5.08)
0.50 (12.70) TYP.
051 (12.95) MAX.
0.10
(2.54)
TOP VIEW
MATERIAL: BLACK ANODIZED ALUMINUM
4 MOUNTING SCREWS AND 0.009 (0.229)
THICK THERMAL PAD INCLUDED
3.50
(88.90)
0.75
(19.05)
0.20
(5.08)
0.140 THRU AND COUNTERSINK
90˚ TO 0.26 (4 PLACES)
2.000
(50.80)
1.900
(48.26)
2.30
(58.42)
0.47
(11.94)
MATERIAL: BLACK ANODIZED ALUMINUM
2.48
(62.99)
0.16
(4.06)
Optional Heat Sink (Part Number HS-CP)
2
LX
Optional Functions:
See also last page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com