Electronic Components Datasheet Search
  English  ▼

X  

BCP75W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCP75W Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5V and 3.3V, "Half-Brick"
75 Watt, DC/DC Converters
Dual Output
Mixed Voltage, BCP Models
Features
As your new, mixed-logic (5V and 3.3V) design evolves and your current require-
ments change, your new DC/DC converter will not. DATEL’s BCP-5/15-3.3/15-D24
(18-36V input) and BCP-5/15-3.3/15-D48 (36-75V input) are fully isolated DC/DC
converters providing both 5V and 3.3V outputs. Housed in standard "half-brick"
packages (2.3" x 2.4" x 0.525"), the BCP’s can support any combination of 5V and
3.3V loading up to a combined total of 15 Amps. Both outputs are fully isolated
(1500Vdc) and independently line (±0.2%) and load (±0.5% and ±0.6%) regulated.
Both BCP models feature input pi filters, input undervoltage and overvoltage shut-
down, input reverse-polarity protection, output overvoltage protection, current limiting,
and thermal shutdown. Each has an on/off control function, and the two output volt-
ages can be trimmed independently.
BCP Model DC/DC’s deliver low noise (50mVp-p), high efficiency (87%) and are
fully specified for –40 to +100°C operation. Utilization of metal baseplate technology
with threaded inserts permits easy heat-sink attachment and/or pcb mounting. These
devices meet IEC950, UL1950, EN60950 and VDE safety standards, including
BASIC insulation requirements. CB reports are available on request. "D48" models
are CE marked (meet the requirements of LVD).
Figure 1. Simplified Schematic
■
■
■
■
■
■
■
■
■
■
■
■
■
Independent 5V and 3.3V outputs
Each output fully regulated
No minimum load requirements
Up to 15 Amps per output
75 Watts total output power
Standard "half-brick" package
UL1950, EN60950 and VDE safety
approvals (BASIC insulation)
Fully isolated, 1500Vdc guaranteed
18-36V or 36-75V input ranges
mark available (75V-input models)
Input under and overvoltage shutdown
Continuous short-circuit protection
Thermal shutdown
+INPUT
(4)
–INPUT
(1)
SWITCH
CONTROL
+5V OUTPUT
(7)
+3.3V OUTPUT
(10)
5V RETURN (6)
3.3V RETURN
(9)
3.3V TRIM
(8)
5V TRIM
(5)
MAG AMP
CONTROLLER
PWM
CONTROLLER
REFERENCE &
ERROR AMP
OPTO
ISOLATION
ON/OFF
CONTROL
(3)
UV & OV
COMPARATORS
REFERENCE &
ERROR AMP
DATEL, Inc., Mansfield, MA 02048 (USA) · Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com
®
®
A SUBSIDIARY OF C&D TECHNOLOGIES


Similar Part No. - BCP75W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP70 SIEMENS-BCP70 Datasheet
29Kb / 4P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP71 SIEMENS-BCP71 Datasheet
30Kb / 4P
NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
More results

Similar Description - BCP75W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA75LS05C MURATA-PS-VKA75LS05C Datasheet
302Kb / 4P
75 Watt Single Output Half Brick DC/DC Converter
logo
Vicor Corporation
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
200 Watt Half-Brick DC - DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com