Electronic Components Datasheet Search
  English  ▼

X  

BCP75W Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 10Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 11Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BCP Models
7 5 W , D U A L O U T P U T , M I X E D - V O L T A G E D C / D C C O N V E R T E R S
Input Ripple Current
(VIN = 24V, 5V @ 0A, 3.3V @ 15A, external 22µF low-ESR input capacitor.)
50mA/div
1µsec/div
Input Ripple Current
(VIN = 48V, 5V @ 0A, 3.3V @ 15A, external 22µF low-ESR input capacitor.)
50mA/div
1µsec/div
Start-Up from Remote On/Off Control
(VIN = 24V, 5V@ 7.5A, 3.3V @ 7.5A, external 10µF || 1µF output capacitors.)
4msec/div
Remote
On/Off
(Pin 3)
2V/div
3.3V
Output
2V/div
5V
Output
2V/div
Start-Up from Remote On/Off Control
(VIN = 48V, 5V@ 7.5A, 3.3V @ 7.5A, external 10µF || 1µF output capacitors.)
Remote
On/Off
(Pin 3)
2V/div
3.3V
Output
2V/div
5V
Output
2V/div
4msec/div
VIN
10V/div
3.3V
Output
2V/div
5V
Output
2V/div
Start-Up from VIN
(VIN = 24V, 5V@ 7.5A, 3.3V @ 7.5A, external 10µF || 1µF output capacitors.)
4msec/div
VIN
20V/div
3.3V
Output
2V/div
5V
Output
2V/div
Start-Up from VIN
(VIN = 48V, 5V@ 7.5A, 3.3V @ 7.5A, external 10µF || 1µF output capacitors.)
4msec/div
D24 Model
D48 Model
Typical Performance Curves
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com