Electronic Components Datasheet Search
  English  ▼

X  

SA9105G Datasheet(PDF) 1 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 1 Page - Sames

  SA9105G Datasheet HTML 1Page - Sames SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PM4301APDA Application Note:
Evaluation Module for SA4301A and SA9105G
SPEC-1695 (REV. 2)
1/14
PRELIMINARY
08-12-2005
PM4301APDA
FEATURES
n
Compatible with SA4301A and SA9105G
n
Operation from either a single 5V supply or a dual 2.5V
supply
n
Connection of various current transformers, mains
voltage and power supply by means of screw terminals
n
On-board LED indicators for pulse output and tamper
conditions
n
On-board optically isolated pulse output for direct
connection to test equipment
n
On-board precision calibration networks by means of
analog trimpots
n
Connection of stepper motor counter or impulse counter
by means of screw terminals
n
Easily accessible jumpers for setting up all possible
device options
DESCRIPTION
The PM4301APDA evaluation module is designed to
demonstrate the functionality and performance of the
SA4301A and SA9105G energy metering devices. A
complete three phase energy meter can be built up and
evaluated using this module, thereby allowing the
performance of the SA4301A/SA9105G to be evaluated in
an end user application. The required current sensing
elements, a power supply as well as a stepper motor
counter or an impulse counter can be connected by means
of screw terminals.
The on-board calibration networks are based on trimpots
and allow accurate calibration of the energy meter. The
various device options can be selected by means of on-
board jumpers, while all device outputs have been equipped
with LED indicators for easy evaluation. An opto-isolated
pulse output is available for direct connection to any energy
meter test equipment.
This application note should be used in conjunction with the
datasheet for the specific device that is being evaluated.
Current
Sense
Input
Networks
Voltage
Sense
Input
Networks
With
Calibration
SA4301A
SA9105G
I1P
I1N
I2P
I2N
I3P
I3N
V1
V2
V3
VN
Tamper LED
Array
Opto-isolated
Pulse
Output
C
E
Pulse
LED
Device
Configuration
Switches
P
N
Counter Output
Power
Supply
Filter
and
GND
Generator
+
-
0
Current
Sense
Input
Networks
Voltage
Sense
Input
Networks
With
Calibration
SA4301A
SA9105G
I1P
I1N
I2P
I2N
I3P
I3N
V1
V2
V3
VN
Tamper LED
Array
Opto-isolated
Pulse
Output
C
E
Pulse
LED
Device
Configuration
Switches
P
N
Counter Output
Power
Supply
Filter
and
GND
Generator
+
-
0
Figure 1: Functional block diagram


Similar Part No. - SA9105G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
SA9105 TITAN-SA9105 Datasheet
185Kb / 13P
Three-phase electron-electrIc circuit
logo
Sames
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105AFA SAMES-SA9105AFA Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105APA SAMES-SA9105APA Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9105G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
Serial Communications Module For Evaluation Kits
logo
Sames
PM4104APDA SAMES-PM4104APDA Datasheet
407Kb / 14P
Evaluation Module for SA4104A and SA4104B
PM4106APDA SAMES-PM4106APDA Datasheet
412Kb / 14P
Evaluation Module for SA4106A
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com