Electronic Components Datasheet Search
  English  ▼

X  

SA9105G Datasheet(PDF) 4 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 4 Page - Sames

  SA9105G Datasheet HTML 1Page - Sames SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
http://www.sames.co.za
4/14
PRELIMINARY
PM4301APDA
R24
R21
IVP1
GND
C7
R20
R19
GND
V
NOM
(220V / 110V)
(11µA
RMS)
Phase 1
Neutral
GND
R23
P1
SA4301A
SA9105G
AGND
JS4 “V1”
JS4 “N”
R22
GND
J1
110V / 220V
R24
R21
IVP1
GND
C7
R20
R19
GND
V
NOM
(220V / 110V)
(11µA
RMS)
Phase 1
Neutral
GND
R23
P1
SA4301A
SA9105G
AGND
JS4 “V1”
JS4 “N”
R22
GND
J1
110V / 220V
Figure 3: Voltage channel 1 input network on the PM4301APDA
Low-pass filters are required on the voltage sense inputs to
remove any high frequency signals that could affect the
performance of the SA4301A/SA9105G. The phase shift of
the current transformers is compensated by means of these
low-pass filters as well, by purposefully increasing the cut-
off frequency.
Referring to Figure 3, the capacitor C7 is used to both
implement the high frequency filtering as well as
compensating for any phase shift caused by the current
transformer. The cut-off frequency of the filter is adjusted so
that the phase shift of the voltage input network is identical
to the sum of the phase shifts of the current transformer and
the current input network. The PM4301APDA module has
been set up to compensate for a phase shift of 0.09 degrees
at 50Hz. This can be changed by changing the capacitors
on the voltage input networks (C7, C8, C9). The new
capacitor value can be calculated by adapting the following
calculation as required.
The phase shift of the current input network is
rees
deg
297
.
0
)
Hz
50
C
R
arctan(
C
C
II
-
»
´
p
-
=
f
The phase shift required on the voltage input networks is
therefore
207
.
0
09
.
0
297
.
0
CT
II
IV
-
=
+
-
=
f
+
f
=
f
where
fCT is the phase shift of the current transformer which
is typically between about 0.05 degrees and 0.5 degrees for
a good quality current transformer. Neglecting R19, R20,
R21, R22 and R24 because all these resistors are
significantly larger than P1 and R23, the capacitance
required to achieve the -0.207 degree phase shift is
nF
6
.
5
Hz
50
)
23
R
1
P
(
2
tan
7
C
IV
»
´
+
p
f
=
resulting in a cut-off frequency of
kHz
7
.
13
7
C
)
23
R
1
P
(
2
1
fCV
»
´
+
p
=
.
The value of the cut-off frequency of the voltage input
network is less critical than that of the current input networks
because the dynamic range of the voltage input is small. A
cut-off frequency between 10kHz and 25kHz is acceptable.
POWER SUPPLY
The PM4301APDA has an on-board filtered voltage divider
to allow the evaluation board to be used with a single 5V
supply. The ground level GND which represents the
reference level of the meter (connected to NEUTRAL of the
mains voltage) can be generated by the on-board voltage
divider. This level is also connected to the AGND pin of the
energy metering device. If the module is used in conjunction
with a dual 2.5V supply then the on-board voltage divider is
simply overdriven by the external supply. The centre point of
the split supply is the reference level of the energy meter.
REFERENCE VOLTAGE
The on-chip reference currents of the SA4301A/SA9105G
are determined by the bias resistor R37. This resistor must
be 47k
W to set optimum bias conditions for the analog
circuits of the energy metering device.
LED OUTPUTS
The PM4301APDA is equipped with LEDs to display the
various outputs of the SA4301A/SA9105G. These are the
pulse output and the per phase mains voltage and direction
indicators. The LEDs can be disconnected if not required.
TESTPOINTS
Test points for several signals are located on the
PM4301APDA evaluation board. These test points allow
certain critical signals on the current and voltage input
networks to be measured. Test points for the meter
reference level (GND) and the power supplies are also
present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com