Electronic Components Datasheet Search
  English  ▼

X  

SA9105G Datasheet(PDF) 6 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 6 Page - Sames

Back Button SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames SA9105G Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
http://www.sames.co.za
6/14
PRELIMINARY
PM4301APDA
EXTERNAL CONNECTIONS TO THE PM4301APDA
The PM4301APDA evaluation board has external connectors to connect the various equipment required to evaluate the
SA4301A/SA9105G in an end user application. The external connectors are described in the Table 3. The connection points
correspond to the markings on the evaluation board. Figure 5 illustrates the connection of the PM4301APDA to test equipment.
Table 3: External connectors on the PM4301APDA
Connector
Description
JS1, JS2, JS3
Connection Points for Current Transformers: Connect the current transformers for the three phases to
these connectors. The current transformers should be connected in such a way that a positive current
flows “in” on terminal “P” and “out” on terminal “N”.
JS4
Connection Point for Mains Voltage: The three phase mains voltage must be connected on this
connector. The NEUTRAL line should be connected to terminal “N” and the three LIVE voltages
should be connected to “V1”, “V2” and “V3” for the three phases respectively.
JS5
Connection Point for Power Supply: The power supply to the PM4301APDA should be connected at
this connector. A single 5V supply can be connected between the “+” and “-” terminals or a dual 2.5V
supply can be connected to the “+”, “0” and “-” terminals.
JS6
Connection Point for Pulse Output: This connector is used to access the opto-isolated pulse output.
The emitter and collector output terminals of the opto-coupler are marked “E” and “C” respectively. No
pull-up resistor is present on the PM4301APDA. The pulse output is primarily used for performance
evaluation and calibration of the SA4301A/SA9105G.
JS7
Connection Point of Energy Counter: A stepper motor counter or impulse counter can be connected to
this connection point to register the energy measured by the SA4301A/SA9105G. When an impulse
counter is used the positive and negative terminals of the counter should be connected to the “P” and
“N” terminals respectively.
J14
Tamper Output: This connector contains the signals PH3 (“3”), PH2 (“2”), PH1(“1”) and PH/DIR (“PD”)
and is useful for interfacing the mains fail and direction indicators to a separate system, i.e. a micro-
controller.
J19
LED Output: This connector contains the LED output of the device (centre terminal) as well as the VDD
and VSS power supply voltages of the PM4301APDA. This terminal is useful when interfacing the
pulse output to external circuitry such as an alternative opto-coupler or a micro-controller.
J21
Motor Output: This connector contains the MON (“N”) and MOP (“P”) outputs of the device as well as
the VDD (“1”) and VSS (“0”) power supply voltages of the PM4301APDA. This terminal is useful when
interfacing the counter outputs to external energy registration circuitry or a micro-controller.
PM4301APDA
JS1
JS2
JS3
P
N
P
N
P
N
JS4
V1
V2
V3
N
CT1
CT2
CT3
Power
Supply
-
0
+
-2.5V
+2.5V
0V - optional
JS5
J21
0 P N 1
J14
3 2 1 PD
J19
0
1
Counter
JS6
P N
JS7
E C
Pulse
+
-
Load
Load
Load
Neutral
Live 3
Live 2
Live 1
PM4301APDA
JS1
JS2
JS3
P
N
P
N
P
N
JS4
V1
V2
V3
N
CT1
CT2
CT3
Power
Supply
-
0
+
-2.5V
+2.5V
0V - optional
JS5
J21
0 P N 1
J14
3 2 1 PD
J19
0
1
Counter
JS6
P N
JS7
E C
Pulse
+
-
Load
Load
Load
Neutral
Live 3
Live 2
Live 1
Figure 5: Connecting the PM4301APDA to test equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com