Electronic Components Datasheet Search
  English  ▼

X  

SA9105G Datasheet(PDF) 5 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 5 Page - Sames

  SA9105G Datasheet HTML 1Page - Sames SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
http://www.sames.co.za
5/14
PRELIMINARY
PM4301APDA
SETTING UP THE PM4301APDA
The PM4301APDA evaluation board can be set up for the various functionality of the SA4301A/SA9105G through jumpers. The
function of each jumper is described in Table 2. The connection of the jumpers corresponds to the markings on the evaluation
board.
Table 2: Jumper functionality for the PM4301APDA
Jumper
Description
J1, J2, J3
Mains Voltage Selection: These jumpers are used to select the mains voltage of the system. They are
left open when the mains voltage is 220V and should be closed when 110V mains voltage is used.
J4, J5, J6
RA Selection: These three jumpers are used to set the value of the RA input pin to select the various
pulse output dividers for the SA4301A/SA9105G and to select the enabled channel when the device is
placed in single phase calibration mode. Closing J4 sets RA to VDD, closing J5 sets RA to VSS and
closing J6 sets RA to PH/DIR. Leaving all three jumpers open sets RA to a floating condition. Only one
of these jumpers should be closed at a time.
J7, J8, J9
RB Selection: These three jumpers are used to set the value of the RB input pin to select the various
pulse output dividers. Closing J7 sets RB to VDD, closing J8 sets RB to VSS and closing J9 sets RB to
PH/DIR. Leaving all three jumpers open sets RB to a floating condition. Only one of these jumpers
should be closed at a time.
J10, J11, J12
MS Selection: These three jumpers are used to set the value of the MS input pin to select the mode of
the programmable adder. Closing J10 sets MS to VDD to enable absolute sum mode, closing J11 sets
MS to VSS to enable total sum mode and closing J12 sets MS to PH/DIR to enable import energy only
summing mode. Leaving all three jumpers open sets MS to a floating condition and single phase
calibration mode is enabled. Only one of these jumpers should be closed at a time.
J13
FMS Selection: This jumper is used to set the value of the FMS pin and can be set to “0” to set FMS to
VSS or “1” to set FMS to VDD. This jumper can be left open to set FMS to a floating condition to enable
FAST mode on the SA4301A/SA9105G.
J15, J16, J17, J18
Tamper Enable: These jumpers allow the LED tamper indicator array to be disconnected from the
SA4301A/SA9105G. If all four jumpers are closed the LED array is fully functional.
J20
LED Enable: This jumper can be used to disable the pulse output of the evaluation board. Leaving this
jumper open will disable the PULSE LED as well as the PULSE opto-isolated output (JS6).
J22, J23
Counter Enable: These jumpers can be used to disable and configure the external energy counter that
is connected to the COUNTER output (JS7). Leaving both jumpers open disconnects the counter from
the energy metering device. Closing J22 and setting J23 to “A” configures the COUNTER output to
accommodate a stepper motor counter by connecting the COUNTER terminal to MON and MOP of the
energy metering device. Closing J22 and setting J23 to “B” configures the COUNTER output to
accommodate an impulse counter by connecting the COUNTER terminal to MON of the energy
metering device and VSS.
J22
A
J23
B
J4
J5
J6
J7
J8
J9
J10
J11
J12
J20
J13
1
0
J15
J16
J17
J18
J1
J2
J3
PM4301APDA
J22
A
J23
B
J4
J5
J6
J7
J8
J9
J10
J11
J12
J20
J13
1
0
J15
J16
J17
J18
J1
J2
J3
PM4301APDA
Figure 4: Layout of jumpers on the PM4301APDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com