Electronic Components Datasheet Search
  English  ▼

X  

SA9105G Datasheet(PDF) 3 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 3 Page - Sames

  SA9105G Datasheet HTML 1Page - Sames SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
http://www.sames.co.za
3/14
PRELIMINARY
PM4301APDA
For best immunity to electromagnetic disturbances the
SA4301A/SA9105G requires low-pass filters on the current
sense inputs. Referring to Figure 2, these filters are realized
by means of the capacitors C1 and C2. The typical cut-off
frequency of these filters should be between 10kHz and
20kHz. The equivalent resistance associated with each
capacitor is RC/2 so the capacitor value should be in the
order of
C
C
CI
C
nF
22
k
5
.
1
kHz
10
1
R
f
1
C2
C1
=
»
W
´
´
p
=
p
=
=
where fCI is the required cut-off frequency of the low-pass
filters of the current input networks.
To reconfigure the PM4301APDA for a different IMAX or a
different CT turns ratio typically only the current transformer
burden resistors need to be changed. This will then not
affect any other characteristics of the current input networks.
The new value for the burden resistors can be calculated
using
MAX
CT
C
I
N
R
A
16
2
R2
R1
´
´
m
´
=
=
The values of the burden resistors for some typical values of
IMAX when using current transformers with a turns ratio of
1:2500 (NCT = 2500) and assuming RC = 1.5kW are shown in
Table 1, rounded to the nearest available resistor value.
Table 1: Current transformer burden resistors required for
some common values of IMAX when using current
transformers with a turns ratio of 1:2500 and RC = 1.5kW
IMAX (A)
Value of Burden Resistors (
W)
6
20
10
12
20
6.2
25
4.7
30
3.9
40
3
50
2.4
60
2
80
1.5
100
1.2
120
1
Voltage Sense Input Networks
The voltage input networks on the PM4301APDA have been
designed for operation at both 220V and 110V mains
voltage. The mains voltage is selected by means of jumpers
(J1, J2 and J3). The voltage input networks attenuate the
mains voltage signals to lower voltages by means of voltage
dividers. Trimpots are used to tap these voltage dividers at
different levels to effect calibration.
Figure 3 shows the voltage sense input network for channel
1 on the PM4301APDA. The circuit is identical for the other
two channels. The voltage sense input saturates at an input
current of ±17.6μARMS (±25μAPEAK). The current into the
voltage sense input should therefore be set between
11μARMS and 12μARMS at nominal mains voltage (VNOM) to
allow for a mains voltage variation of up to +30% and –50%
without saturating the voltage sense input.
The input resistor R24 sets the current input into the device.
This resistor should not be too large else the capacitor for
the low-pass filter will be quite small. This could cause
inaccurate phase shift due to parasitic capacitances and
affect the performance of the module at low power factor.
Therefore R24 = 100k
W is chosen. For the purpose of the
evaluation module a very large tuning range on the trimpot
is selected, so let R23 and P1 be 1k
W each and the voltage
over the combination of R23 and P1 be 1.76V. This allows
the input currents on the voltage sense inputs of the device
to be scaled from 17.6μARMS down to 8.8μARMS.
The following equations can be used to obtain the remaining
resistor values:
W
+
+
+
+
W
=
k
2
22
R
21
R
20
R
19
R
k
2
V
220
V
76
.
1
and
W
+
+
W
=
k
2
20
R
19
R
k
2
V
110
V
76
.
1
This results in R19 + R20 = 123k
W and R21 + R22 = 125kW
and the values are chosen as R19 = 75k
W, R20 = 47kW,
R21 = R22 = 62k
W. The effect of R24 can be ignored in the
above equations, given the fact that R24 is significantly
larger than the combination of P1 and R23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com