Electronic Components Datasheet Search
  English  ▼

X  

SA9605ASAR Datasheet(PDF) 7 Page - Sames

Part # SA9605ASAR
Description  Three Phase Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASAR Datasheet(HTML) 7 Page - Sames

Back Button SA9605ASAR Datasheet HTML 3Page - Sames SA9605ASAR Datasheet HTML 4Page - Sames SA9605ASAR Datasheet HTML 5Page - Sames SA9605ASAR Datasheet HTML 6Page - Sames SA9605ASAR Datasheet HTML 7Page - Sames SA9605ASAR Datasheet HTML 8Page - Sames SA9605ASAR Datasheet HTML 9Page - Sames SA9605ASAR Datasheet HTML 10Page - Sames SA9605ASAR Datasheet HTML 11Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPEC-3118 (REV. 3)
7/11
29-09-2017
SA9605A
TYPICAL APPLICATION
In Figure 6 the components required for a stand-alone power
metering application are shown. The application uses current
transformers for the mains current sensing. The meter is
designed for 220V/80A IMAX operation. The most important
external components for the SA9605A integrated circuit are
the current sense resistors, the voltage sense resistors as
well as the bias setting resistor.
Bias Resistor
R25 defines all on-chip and reference currents. Optimum
conditions are set by using R25=24k
. Device calibration is
done on the voltage inputs of the device.
Current Transformer Termination Resistor
The voltage drop across the termination resistors of the
current transformers at rated current should be at in the order
of 100mV. Assuming a transformer winding ratio of 2500,
selecting termination resistor values of R24=R23=R22=2.7
ensures that the voltage across the termination resistor at
maximum rated current is
�������� =
80����
2500
× 2.7Ω = 86.4��������
Current Sense Resistors
The resistors R16 to R21 define the current level into the
current sense inputs of the device. The resistor values are
selected for an input current of 16μA on the current inputs of
the SA9605A at rated conditions. According to equation
described in the Current Sense Inputs section:
������������ =
��������
������������ × 16��������
×
��������
2
=
80����
2500 × 16��������
×
2.7Ω
2
= 2.7����Ω
Voltage Divider
The voltage dividers are calculated for a voltage drop of 14V.
Equations for the voltage dividers in Figure 6 are:
�������� = ����1 + ����2 + ����3
�������� = ����13 || (����10 + ����1)
Combining the two equations gives:
(�������� + ��������)
220����
=
��������
14
A 5k
 trimpot will be used on the voltage channels for meter
calibration. The center position on the pot is used in the
calculations. Therefore P1=2.5k
 and values for resistors
R10=22k
and R13=1M are chosen.
Substituting the values will result in RB=23.91k
 and
RA=352k
. Therefore R1, R2 and R3 are chosen to be
120k
.
The capacitor C4 is used to compensate for any phase shift
caused by the current transformers. A typical good quality
current transformer will have a phase shift of about
CT=0.18º.
The capacitor value is calculated as follows:
���� =
1
2 × ���� × ������������������������ × ����13 × tan ������������
���� =
1
2 × ���� × 50�������� × 1����Ω × tan 0.18
= 1.013��������
A capacitor of C4=1
μF can therefore be used to compensate
the phase shift of the current transformer.
Identical values for all components are used on the remaining
two channels of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com