Electronic Components Datasheet Search
  English  ▼

X  

SA9605ASAR Datasheet(PDF) 4 Page - Sames

Part # SA9605ASAR
Description  Three Phase Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASAR Datasheet(HTML) 4 Page - Sames

  SA9605ASAR Datasheet HTML 1Page - Sames SA9605ASAR Datasheet HTML 2Page - Sames SA9605ASAR Datasheet HTML 3Page - Sames SA9605ASAR Datasheet HTML 4Page - Sames SA9605ASAR Datasheet HTML 5Page - Sames SA9605ASAR Datasheet HTML 6Page - Sames SA9605ASAR Datasheet HTML 7Page - Sames SA9605ASAR Datasheet HTML 8Page - Sames SA9605ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPEC-3118 (REV. 3)
4/11
29-09-2017
SA9605A
FUNCTIONAL DESCRIPTION
The SA9605A is a CMOS mixed signal integrated circuit,
which performs three phase power/energy calculations over
a range of 500:1, to an overall accuracy of Class 1.
The SA9605A is functionally similar to the SA9105E and
SA9105F with the advantage of no external loop capacitors.
The integrated circuit includes all the required functions for
three phase power and energy measurement such as
oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration.
Internal offsets are eliminated through the use of cancellation
procedures. The SA9605A generates pulses, the frequency
of which is proportional to the power consumption. Two
frequency outputs (FOUT1 and FOUT2) are available. The
pulse rate follows the instantaneous power measured.
POWER CALCULATION
In the application circuit (see Figure 3), the mains voltages
from L1, L2 and L3, are converted to currents and applied to
the voltage sense inputs IVP1, IVP2 and IVP3. The current
levels on the voltage sense inputs are derived from the mains
voltage (3 x 220 VAC) being divided down through voltage
dividers to 14V. The resulting input currents into the
A/D converters are 14
μARMS through the resistors R5 (1M
each). The trimpots P1 are used for calibration purposes. The
capacitors C1 are used to compensate the phase shift of the
current transformers.
For the current sense inputs the voltage drop across the
current transformer
’s terminating resistors RT are converted
to currents of 16
μARMS for rated conditions, by means of
resistors R1 and R2. The signals providing the current
information are applied to the paired current sensor inputs,
IIP1/IIN1, IIP2/IIN2 and IIP3/IIN3. The current sense inputs
saturate at an input current of ±25μA peak.
In this configuration, with the mains voltage of 3 x 220 V and
rated currents of 80A, the output frequency of the SA9605A
energy metering integrated circuit at FOUT1 is 1160Hz. In
this case 1 pulse will correspond to an energy consumption
of 3 x 17.6kW/1160Hz = 45.5Ws.
The output frequency at FOUT1 and FOUT2 represents the
absolute sum of the energy measured on all three phases,
regardless of the direction of energy flow through the current
sensors. This measurement method will assist meter
manufacturers to circumvent meter tampering by reversal of
the phases.
Figure 3: Application Circuit
Power
Supply
N
GND
VSS
R1
R2
R3
R5
R4
U1
P1
R6
SA9605A
VDD
VDD
VSS
GND
GND
L3
N
VDD
FOUT1
FOUT2
PGM1
VSS
IIN1
IIP1
IVP1
AGND
VREF
Pulse Output 2
Pulse Output 1
OSC1
OSC2
RT1
PGM0
DIR
Direction Output
L2
L3
L2
L1
CT1
Repeat for
Phases 2
and 3
C1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com