Electronic Components Datasheet Search
  English  ▼

X  

SA9605ASAR Datasheet(PDF) 3 Page - Sames

Part # SA9605ASAR
Description  Three Phase Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASAR Datasheet(HTML) 3 Page - Sames

  SA9605ASAR Datasheet HTML 1Page - Sames SA9605ASAR Datasheet HTML 2Page - Sames SA9605ASAR Datasheet HTML 3Page - Sames SA9605ASAR Datasheet HTML 4Page - Sames SA9605ASAR Datasheet HTML 5Page - Sames SA9605ASAR Datasheet HTML 6Page - Sames SA9605ASAR Datasheet HTML 7Page - Sames SA9605ASAR Datasheet HTML 8Page - Sames SA9605ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPEC-3118 (REV. 3)
3/11
29-09-2017
SA9605A
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD - VSS
6
V
Current on any Pin
IPIN
-150
150
mA
Storage Temperature
TSTG
-60
+125
ºC
Specified Operating Temperature Range
TO
-40
+85
ºC
Limit Range of Operating Temperature
Tlimit
-40
+85
ºC
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
PIN DESCRIPTION
Designation
Pin No.
Description
AGND
16
Analog Ground. This is the reference pin for the current and voltage signal sensing networks.
The supply voltage to this pin should be mid-way between VDD and VSS.
VDD
6
Positive Supply Voltage. The voltage to this pin should be +2.5V ± 10% with respect to AGND.
VSS
14
Negative Supply Voltage. The voltage to this pin should be -2.5V ± 10% with respect to AGND.
IVP1, IVP2,
IVP3
17, 20, 3
Analog Inputs for Voltages. The maximum current into the voltage sense inputs IVP should not
exceed 16µARMS. At
nominal voltage an input current of 14μARMS is recommended. The voltage
sense inputs saturate at an input current of ±25µA peak.
IIP1, IIN1, IIP2,
IIN2, IIP3, IIN3
18, 19, 1,
2, 4, 5
Analog Inputs for Currents. The maximum current into the current sense inputs IIP/IIN should
be set at 16µARMS. The current sense inputs saturate at an input current of ±25µA peak.
VREF
15
This pin provides the connection for the reference current setting resistor. A 24k
 resistor
connected to VSS sets the optimum operating conditions.
FOUT1
7
First pulse output. Refer to the Pulse Output Signals section for further information.
FOUT2
8
Second pulse output. Refer to the Pulse Output Signals section for further information.
DIR
9
Direction output to indicate direction of energy flow. Refer to the Pulse Output Signals section.
OSC1, OSC2
10, 11
Connection for crystal
PGM0, PGM1
12, 13
Programming pins for pulse output FOUT2. Refer to the Pulse Output Signals section for
further information
Figure 2: Pin connections for SOIC20 package
ORDERING INFORMATION
Part Number
Package
SA9605ASAR
SOIC20 (RoHS compliant)
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
IIP2
IIN2
IVP3
IIP3
IIN3
VDD
FOUT1
FOUT2
IVP2
IIN1
IVP1
VREF
VSS
PGM1
9
10
12
11
DIR
OSC1
PGM0
OSC2
IIP1
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com