Electronic Components Datasheet Search
  English  ▼

X  

SA9605ASAR Datasheet(PDF) 1 Page - Sames

Part # SA9605ASAR
Description  Three Phase Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASAR Datasheet(HTML) 1 Page - Sames

  SA9605ASAR Datasheet HTML 1Page - Sames SA9605ASAR Datasheet HTML 2Page - Sames SA9605ASAR Datasheet HTML 3Page - Sames SA9605ASAR Datasheet HTML 4Page - Sames SA9605ASAR Datasheet HTML 5Page - Sames SA9605ASAR Datasheet HTML 6Page - Sames SA9605ASAR Datasheet HTML 7Page - Sames SA9605ASAR Datasheet HTML 8Page - Sames SA9605ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Three Phase Power/Energy Metering
IC with Instantaneous Pulse Output
SPEC-3118 (REV. 3)
1/11
29-09-2017
SA9605A
FEATURES
Functionally similar to the SA9105E and SA9105F, with
reduced number of external components
Output frequency represents the absolute sum of energy
on all three phases
Performs one, two or three phase power and energy
measurement
Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
Operates over a wide temperature range
Current transformers for sensing
Excellent long term stability
Easily adaptable to different signal levels
Precision voltage reference on-chip
Pin selectable pulse rates
Supports tamper detection
DESCRIPTION
The SA9605A is an enhancement of the SA9105E and
SA9105F, as no external capacitors are needed for the A/D
converters.
The SA9605A three phase power/energy metering integrated
circuit generates a pulse rate output, the frequency of which
is proportional to the absolute power consumption. The
SA9605A performs the calculation for active power. The
method of calculation takes the power factor into account.
Energy
consumption
is
determined
by
the
power
measurement being integrated over time.
The output of this innovative universal three
phase
power/energy metering integrated circuit, is ideally suited for
applications such as residential and industrial energy
metering and control.
The SA9605A integrated circuit is available in a 20 pin small
outline (SOIC20) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
IVP1
IIN1
IIP1
FOUT2
FOUT1
VDD
POWER
INTEGRATOR
ANALOG SIGNAL
PROCESSING
CURRENT
CHANNEL 1
ADC
VOLTAGE
CHANNEL 1
ADC
OSC1
OSC2
IVP2
IIN2
IIP2
CURRENT
CHANNEL 2
ADC
VOLTAGE
CHANNEL 2
ADC
AGND
IVP3
IIN3
IIP3
CURRENT
CHANNEL 3
ADC
VOLTAGE
CHANNEL 3
ADC
DIR
POWER TO
FREQUENCY
PGM0
PGM1


Similar Part No. - SA9605ASAR

ManufacturerPart #DatasheetDescription
logo
Sames
SA9605ASA SAMES-SA9605ASA Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9605ASAR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
THREE-PHASE POWER MOSFET CONTROLLER
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
logo
Altech corporation
38075 ALTECH-38075 Datasheet
34Kb / 1P
THREE PHASE POWER DISTRIBUTION BLOCKS
logo
Powersem GmbH
PSD150F-12 POWERSEM-PSD150F-12 Datasheet
395Kb / 1P
Three Phase Three Phase
logo
Allegro MicroSystems
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
Power Line Filters Three Phase
logo
Allegro MicroSystems
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com