Electronic Components Datasheet Search
  English  ▼

X  

PIC16F77-I/SS Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 59Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 60Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 61Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 62Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 63Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 61
PIC16F7X
REGISTER 9-2:
SSPCON: SYNC SERIAL PORT CONTROL REGISTER (ADDRESS 14h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
bit 7
WCOL: Write Collision Detect bit
1
= The SSPBUF register is written while it is still transmitting the previous word
(must be cleared in software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode:
1
= A new byte is received while the SSPBUF register is still holding the previous data. In case
of overflow, the data in SSPSR is lost. Overflow can only occur in Slave mode. The user
must read the SSPBUF, even if only transmitting data, to avoid setting overflow. In
Master mode, the overflow bit is not set since each new reception (and transmission) is
initiated by writing to the SSPBUF register.
0
= No overflow
In I2C mode:
1
= A byte is received while the SSPBUF register is still holding the previous byte. SSPOV
is a “don’t care” in Transmit mode. SSPOV must be cleared in software in either mode.
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In SPI mode:
1
= Enables serial port and configures SCK, SDO, and SDI as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In I2C mode:
1
= Enables the serial port and configures the SDA and SCL pins as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In both modes, when enabled, these pins must be properly configured as input or output.
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1
= IDLE state for clock is a high level (Microwire® default)
0
= IDLE state for clock is a low level (Microwire® alternate)
In I2C mode:
SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
bit 3-0
SSPM3:SSPM0: Synchronous Serial Port Mode Select bits
0000
= SPI Master mode, clock = FOSC/4
0001
= SPI Master mode, clock = FOSC/16
0010
= SPI Master mode, clock = FOSC/64
0011
= SPI Master mode, clock = TMR2 output/2
0100
= SPI Slave mode, clock = SCK pin. SS pin control enabled.
0101
= SPI Slave mode, clock = SCK pin. SS pin control disabled. SS can be used as I/O pin.
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1011
= I2C Firmware Controlled Master mode (slave IDLE)
1110
= I2C Slave mode, 7-bit address with START and STOP bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with START and STOP bit interrupts enabled
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR reset
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com