Electronic Components Datasheet Search
  English  ▼

X  

PIC16F77-I/SS Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 6Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 7Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 8Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
PIC16F7X
DS30325B-page 8
 2002 Microchip Technology Inc.
TABLE 1-2:
PIC16F73 AND PIC16F76 PINOUT DESCRIPTION
Pin Name
DIP
SSOP
SOIC
Pin#
MLF
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKI
OSC1
CLKI
96
I
I
ST/CMOS(3) Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input. ST
buffer when configured in RC mode. Otherwise CMOS.
External clock source input. Always associated with pin
function OSC1 (see OSC1/CLKI, OSC2/CLKO pins).
OSC2/CLKO
OSC2
CLKO
10
7
O
O
—
Oscillator crystal or clock output.
Oscillator crystal output.
Connects to crystal or resonator in Crystal Oscillator
mode.
In RC mode, OSC2 pin outputs CLKO, which has 1/4 the
frequency of OSC1 and denotes the instruction cycle rate.
MCLR/VPP
MCLR
VPP
126
I
P
ST
Master Clear (input) or programming voltage (output).
Master Clear (Reset) input. This pin is an active low
RESET to the device.
Programming voltage input.
PORTA is a bi-directional I/O port.
RA0/AN0
RA0
AN0
227
I/O
I
TTL
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
328
I/O
I
TTL
Digital I/O.
Analog input 1.
RA2/AN2
RA2
AN2
41
I/O
I
TTL
Digital I/O.
Analog input 2.
RA3/AN3/VREF
RA3
AN3
VREF
52
I/O
I
I
TTL
Digital I/O.
Analog input 3.
A/D reference voltage input.
RA4/T0CKI
RA4
T0CKI
64
I/O
I
ST
Digital I/O – Open drain when configured as output.
Timer0 external clock input.
RA5/SS/AN4
RA5
SS
AN4
75
I/O
I
I
TTL
Digital I/O.
SPI slave select input.
Analog input 4.
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com