Electronic Components Datasheet Search
  English  ▼

X  

PIC16F77-I/SS Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 60Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 61Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 62Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 63Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 174 page
background image
PIC16F7X
DS30325B-page 62
 2002 Microchip Technology Inc.
FIGURE 9-1:
SSP BLOCK DIAGRAM
(SPI MODE)
To enable the serial port, SSP enable bit, SSPEN
(SSPCON<5>) must be set. To reset or reconfigure SPI
mode, clear bit SSPEN, re-initialize the SSPCON reg-
ister, and then set bit SSPEN. This configures the SDI,
SDO, SCK, and SS pins as serial port pins. For the pins
to behave as the serial port function, they must have
their data direction bits (in the TRISC register) appro-
priately programmed. That is:
• SDI must have TRISC<4> set
• SDO must have TRISC<5> cleared
• SCK (Master mode) must have TRISC<3>
cleared
• SCK (Slave mode) must have TRISC<3> set
• SS must have TRISA<5> set and ADCON must
be configured such that RA5 is a digital I/O
.
Read
Write
Internal
Data Bus
RC4/SDI/SDA
RC5/SDO
RA5/SS/AN4
RC3/SCK/
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TCY
Prescaler
4, 16, 64
TRISC<3>
2
Edge
Select
2
4
SCL
Peripheral OE
Note 1: When the SPI is in Slave mode with SS pin
control enabled (SSPCON<3:0> = 0100),
the SPI module will reset if the SS pin is set
to VDD.
2: If the SPI is used in Slave mode with
CKE = '1', then the SS pin control must be
enabled.
3: When the SPI is in Slave mode with SS
pin control enabled (SSPCON<3:0> =
‘0100’), the state of the SS pin can affect
the state read back from the TRISC<5>
bit. The Peripheral OE signal from the
SSP module into PORTC controls the
state
that
is
read
back
from
the
TRISC<5> bit (see Section 4.3 for infor-
mation on PORTC). If Read-Modify-Write
instructions, such as BSF are performed
on the TRISC register while the SS pin is
high, this will cause the TRISC<5> bit to
be set, thus disabling the SDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com