Electronic Components Datasheet Search
  English  ▼

X  

PIC16F77-I/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 85Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 86Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 87Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 88Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 89Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 90Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 87
PIC16F7X
11.2
Selecting the A/D Conversion
Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires 9.0 TAD per 8-bit conversion.
The source of the A/D conversion clock is software
selectable. The four possible options for TAD are:
• 2 TOSC (FOSC/2)
• 8 TOSC (FOSC/8)
• 32 TOSC (FOSC/32)
• Internal RC oscillator (2-6
µs)
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
as small as possible, but no less than 1.6
µs.
11.3
Configuring Analog Port Pins
The ADCON1, TRISA and TRISE registers control the
operation of the A/D port pins. The port pins that are
desired as analog inputs must have their correspond-
ing TRIS bits set (input). If the TRIS bit is cleared (out-
put), the digital output level (VOH or VOL) will be
converted.
The A/D operation is independent of the state of the
CHS2:CHS0 bits and the TRIS bits.
11.4
A/D Conversions
Setting the GO/DONE bit begins an A/D conversion.
When the conversion completes, the 8-bit result is
placed in the ADRES register, the GO/DONE bit is
cleared, and the ADIF flag (PIR<6>) is set.
If both the A/D interrupt bit ADIE (PIE1<6>) and the
peripheral interrupt enable bit PEIE (INTCON<6>) are
set, the device will wake from SLEEP whenever ADIF
is set by hardware. In addition, an interrupt will also
occur if the global interrupt bit GIE (INTCON<7>) is set.
Clearing the GO/DONE bit during a conversion will
abort the current conversion. The ADRES register will
NOT be changed, and the ADIF flag will not be set.
After the GO/DONE bit is cleared at either the end of a
conversion, or by firmware, another conversion can be
initiated by setting the GO/DONE bit. Users must still
take into account the appropriate acquisition time for
the application.
11.5
A/D Operation During SLEEP
The A/D module can operate during SLEEP mode. This
requires that the A/D clock source be set to RC
(ADCS1:ADCS0 = ‘11’). When the RC clock source is
selected, the A/D module waits one instruction cycle
before starting the conversion. This allows the SLEEP
instruction to be executed, which eliminates all digital
switching noise from the conversion. When the conver-
sion is completed, the GO/DONE bit will be cleared,
and the result loaded into the ADRES register. If the
A/D interrupt is enabled, the device will wake-up from
SLEEP. If the A/D interrupt is not enabled, the A/D mod-
ule will then be turned off, although the ADON bit will
remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction will cause the present conver-
sion to be aborted and the A/D module to be turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
11.6
Effects of a RESET
A device RESET forces all registers to their RESET
state. The A/D module is disabled and any conversion
in progress is aborted. All A/D input pins are configured
as analog inputs.
The ADRES register will contain unknown data after a
Power-on Reset.
Note 1: When reading the port register, all pins
configured as analog input channels will
read as cleared (a low level). Pins config-
ured as digital inputs will convert an ana-
log input. Analog levels on a digitally
configured input will not affect the conver-
sion accuracy.
2: Analog levels on any pin that is defined as
a digital input, but not as an analog input,
may cause the digital input buffer to con-
sume current that is out of the device’s
specification.
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
Note:
For the A/D module to operate in SLEEP,
the A/D clock source must be set to RC
(ADCS1:ADCS0 = 11). To perform an A/D
conversion in SLEEP, ensure the SLEEP
instruction immediately follows the instruc-
tion that sets the GO/DONE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com