Electronic Components Datasheet Search
  English  ▼

X  

PIC16F77-I/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 14Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 15Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 11
PIC16F7X
PORTB is a bi-directional I/O port. PORTB can be software
programmed for internal weak pull-up on all inputs.
RB0/INT
RB0
INT
33
36
8
I/O
I
TTL/ST(1)
Digital I/O.
External interrupt.
RB1
34
37
9
I/O
TTL
Digital I/O.
RB2
353810
I/O
TTL
Digital I/O.
RB3/PGM
RB3
PGM
36
39
11
I/O
I/O
TTL
Digital I/O.
Low voltage ICSP programming enable pin.
RB4
374114
I/O
TTL
Digital I/O.
RB5
384215
I/O
TTL
Digital I/O.
RB6/PGC
RB6
PGC
39
43
16
I/O
I/O
TTL/ST(2)
Digital I/O.
In-Circuit Debugger and ICSP programming clock.
RB7/PGD
RB7
PGD
40
44
17
I/O
I/O
TTL/ST(2)
Digital I/O.
In-Circuit Debugger and ICSP programming data.
PORTC is a bi-directional I/O port.
RC0/T1OSO/T1CKI
RC0
T1OSO
T1CKI
15
16
32
I/O
O
I
ST
Digital I/O.
Timer1 oscillator output.
Timer1 external clock input.
RC1/T1OSI/CCP2
RC1
T1OSI
CCP2
16
18
35
I/O
I
I/O
ST
Digital I/O.
Timer1 oscillator input.
Capture2 input, Compare2 output, PWM2 output.
RC2/CCP1
RC2
CCP1
17
19
36
I/O
I/O
ST
Digital I/O.
Capture1 input/Compare1 output/PWM1 output
RC3/SCK/SCL
RC3
SCK
SCL
18
20
37
I/O
I/O
I/O
ST
Digital I/O
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C mode.
RC4/SDI/SDA
RC4
SDI
SDA
23
25
42
I/O
I
I/O
ST
Digital I/O.
SPI data in.
I2C data I/O.
RC5/SDO
RC5
SDO
24
26
43
I/O
O
ST
Digital I/O.
SPI data out.
RC6/TX/CK
RC6
TX
CK
25
27
44
I/O
O
I/O
ST
Digital I/O.
USART asynchronous transmit.
USART 1 synchronous clock.
RC7/RX/DT
RC7
RX
DT
26
29
1
I/O
I
I/O
ST
Digital I/O.
USART asynchronous receive.
USART synchronous data.
TABLE 1-3:
PIC16F74 AND PIC16F77 PINOUT DESCRIPTION (CONTINUED)
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com