Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 4 Page - Analog Devices

  AD7863 Datasheet HTML 1Page - Analog Devices AD7863 Datasheet HTML 2Page - Analog Devices AD7863 Datasheet HTML 3Page - Analog Devices AD7863 Datasheet HTML 4Page - Analog Devices AD7863 Datasheet HTML 5Page - Analog Devices AD7863 Datasheet HTML 6Page - Analog Devices AD7863 Datasheet HTML 7Page - Analog Devices AD7863 Datasheet HTML 8Page - Analog Devices AD7863 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD7863
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, REF = Internal. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
SAMPLE AND HOLD
−3 dB Small Signal Bandwidth
7
7
MHz typ
Aperture Delay2
35
35
ns max
Aperture Jitter2
50
50
ps typ
Aperture Delay Matching2
350
350
ps max
DYNAMIC PERFORMANCE3
fIN = 80.0 kHz, fS = 175 kSPS
Signal-to-(Noise + Distortion) Ratio4
@ 25°C
78
78
dB min
TMIN to TMAX
77
77
dB min
Total Harmonic Distortion4
−82
−82
dB max
−87 dB typ
Peak Harmonic or Spurious Noise4
−82
−82
dB max
−90 dB typ
Intermodulation Distortion4
fa = 49 kHz, fb = 50 kHz
Second Order Terms
−93
−93
dB typ
Third Order Terms
−89
−89
dB typ
Channel-to-Channel Isolation4
−86
−86
dB typ
fIN = 50 kHz sine wave
DC ACCURACY
Any channel
Resolution
14
14
Bits
Minimum Resolution for Which No
Missing Codes are Guaranteed
14
14
Bits
Relative Accuracy4
±2.5
±2
LSB max
Differential Nonlinearity4
+2 to −1
+2 to −1
LSB max
AD7863-10, AD7863-3
Positive Gain Error4
±10
±8
LSB max
Positive Gain Error Match4
10
10
LSB max
Negative Gain Error4
±10
±8
LSB max
Negative Gain Error Match4
10
10
LSB max
Bipolar Zero Error
±10
±8
LSB max
Bipolar Zero Error Match
8
6
LSB max
AD7863-2
Positive Gain Error4
±14
LSB max
Positive Gain Error Match4
16
LSB max
Unipolar Offset Error
±14
LSB max
Unipolar Offset Error Match
10
LSB max
ANALOG INPUTS
AD7863-10
Input Voltage Range
±10
±10
V
Input Resistance
9
9
kΩ typ
AD7863-3
Input Voltage Range
±2.5
±2.5
V
Input Resistance
3
3
kΩ typ
AD7863-2
Input Voltage Range
2.5
2.5
V
Input Current
100
100
nA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com