Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7863 Datasheet HTML 7Page - Analog Devices AD7863 Datasheet HTML 8Page - Analog Devices AD7863 Datasheet HTML 9Page - Analog Devices AD7863 Datasheet HTML 10Page - Analog Devices AD7863 Datasheet HTML 11Page - Analog Devices AD7863 Datasheet HTML 12Page - Analog Devices AD7863 Datasheet HTML 13Page - Analog Devices AD7863 Datasheet HTML 14Page - Analog Devices AD7863 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7863
Rev. B | Page 10 of 24
CIRCUIT DESCRIPTION
ANALOG INPUT SECTION
The AD7863 is offered as three part types: the AD7863-10,
which handles a ±10 V input voltage range, the AD7863-3,
which handles input voltage range ±2.5 V and the AD7863-2,
which handles a 0 V to 2.5 V input voltage range.
2.5V
REFERENCE
MUX
R2
R1
R3
TO INTERNAL
COMPARATOR
TRACK/
HOLD
VREF
VAX
AGND
AD7863-10/AD7863-3
2kΩ
TO ADC
REFERENCE
CIRCUITRY
Figure 5. AD7863-10/AD7863-3 Analog Input Structure
Figure 5 shows the analog input section for the AD7863-10 and
AD7863-3. The analog input range of the AD7863-10 is ±10 V
into an input resistance of typically 9 kΩ. The analog input
range of the AD7863-3 is ±2.5 V into an input resistance of
typically 3 kΩ. This input is benign, with no dynamic charging
currents because the resistor stage is followed by a high input
impedance stage of the track-and-hold amplifier. For the
AD7863-10, R1 = 8 kΩ, R2 = 2 kΩ and R3 = 2 kΩ. For the
AD7863-3, R1 = R2 = 2 kΩ and R3 is open circuit.
For the AD7863-10 and AD7863-3, the designed code
transitions occur on successive integer LSB values (that is, 1 LSB,
2 LSBs, 3 LSBs . . .). Output coding is twos complement binary
with 1 LSB = FS/16,384. The ideal input/output transfer
function for the AD7863-10 and AD7863-3 is shown in Table 5.
Table 5. Ideal Input/Output Code (AD7863-10/AD7863-3)
Analog Input1
Digital Output Code Transition
+FSR/2 − 1 LSB2
011 . . . 110 to 011 . . . 111
+FSR/2 − 2 LSBs
011 . . . 101 to 011 . . . 110
+FSR/2 − 3 LSBs
011 . . . 100 to 011 . . . 101
GND + 1 LSB
000 . . . 000 to 000 . . . 001
GND
111 . . . 111 to 000 . . . 000
GND − 1 LSB
111 . . . 110 to 111 . . . 111
−FSR/2 + 3 LSBs
100 . . . 010 to 100 . . . 011
−FSR/2 + 2 LSBs
100 . . . 001 to 100 . . . 010
−FSR/2 + 1 LSB
100 . . . 000 to 100 . . . 001
1FSR is full-scale range = 20 V (AD7863-10) and = 5 V (AD7863-3) with VREF = 2.5 V.
21 LSB = FSR/16,384 = 1.22 mV (AD7863-10) and 0.3 mV (AD7863-3) with
VREF = 2.5 V.
The analog input section for the AD7863-2 contains no biasing
resistors and the VAX/BX pin drives the input directly to the
multiplexer and track-and-hold amplifier circuitry. The analog
input range is 0 V to 2.5 V into a high impedance stage with an
input current of less than 100 nA. This input is benign, with no
dynamic charging currents. Once again, the designed code
transitions occur on successive integer LSB values. Output
coding is straight (natural) binary with 1 LSB = FS/16,384 =
2.5 V/16,384 = 0.15 mV. Table 6 shows the ideal input/output
transfer function for the AD7863-2.
Table 6. Ideal Input/Output Code (AD7863-2)
Analog Input1
Digital Output Code Transition
+FSR − 1 LSB2
111 . . . 110 to 111 . . . 111
+FSR − 2 LSB
111 . . . 101 to 111 . . . 110
+FSR − 3 LSB
111 . . . 100 to 111 . . . 101
GND + 3 LSB
000 . . . 010 to 000 . . . 011
GND + 2 LSB
000 . . . 001 to 000 . . . 010
GND + 1 LSB
000 . . . 000 to 000 . . . 001
1FSR is full-scale range = 2.5 V for AD7863-2 with VREF = 2.5 V.
21 LSB = FSR/16,384 = 0.15 mV for AD7863-2 with VREF = 2.5 V.
OFFSET AND FULL-SCALE ADJUSTMENT
In most digital signal processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Invariably, some applications require that the
input signal span the full analog input dynamic range. In such
applications, offset and full-scale error have to be adjusted to zero.
Figure 6 shows a typical circuit that can be used to adjust the
offset and full-scale errors on the AD7863 (VA1 on the
AD7863-10 version is shown for example purposes only).
Where adjustment is required, offset error must be adjusted
before full-scale error. This is achieved by trimming the offset
of the op amp driving the analog input of the AD7863 while the
input voltage is ½ LSB below analog ground. The trim
procedure is as follows: apply a voltage of −0.61 mV (−½ LSB)
at V1 in Figure 6 and adjust the op amp offset voltage until the
ADC output code flickers between 11 1111 1111 1111 and
00 0000 0000 0000.
R2
500Ω
*ADDITIONAL PINS OMITTED FOR CLARITY.
VA1
AGND
AD7863*
R1
10kΩ
R3
10kΩ
R5
10kΩ
R4
10kΩ
V1
INPUT RANGE = ±10V
Figure 6. Full-Scale Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com