Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7863 Datasheet HTML 14Page - Analog Devices AD7863 Datasheet HTML 15Page - Analog Devices AD7863 Datasheet HTML 16Page - Analog Devices AD7863 Datasheet HTML 17Page - Analog Devices AD7863 Datasheet HTML 18Page - Analog Devices AD7863 Datasheet HTML 19Page - Analog Devices AD7863 Datasheet HTML 20Page - Analog Devices AD7863 Datasheet HTML 21Page - Analog Devices AD7863 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD7863
Rev. B | Page 17 of 24
MICROPROCESSOR INTERFACING
The AD7863 high speed bus timing allows direct interfacing to
DSP processors as well as modern 16-bit microprocessors.
Suitable microprocessor interfaces are shown in Figure 19
through Figure 23.
AD7863 TO ADSP-2100 INTERFACE
Figure 19 shows an interface between the AD7863 and the
ADSP-2100. The CONVST signal can be supplied from the
ADSP-2100 or from an external source. The AD7863 BUSY line
provides an interrupt to the ADSP-2100 when conversion is
completed on both channels. The two conversion results can
then be read from the AD7863 using two successive reads to the
same memory address. The following instruction reads one of
the two results:
MR0 = DM (ADC)
where:
MR0 is the ADSP-2100 MR0 register.
ADC is the AD7863 address.
ADDR
DECODE
EN
ADDRESS BUS
DMA13
DMA0
DMS
IRQn
DMRD (RD)
DMD15
DMD0
CS
A0
BUSY
RD
DB13
DB0
DATA BUS
ADSP-2100
(ADSP-2101/
ADSP-2102)
AD7863*
*ADDITIONAL PINS OMITTED FOR CLARITY.
OPTIONAL
CONVST
Figure 19. AD7863 to ADSP-2100 Interface
AD7863 TO ADSP-2101/ADSP-2102 INTERFACE
The interface outlined in Figure 19 also forms the basis for an
interface between the AD7863 and the ADSP-2101/ADSP-2102.
The READ line of the ADSP-2101/ADSP-2102 is labeled RD. In
this interface, the RD pulse width of the processor can be
programmed using the data memory wait state control register.
The instruction used to read one of the two results is as outlined
for the ADSP-2100.
AD7863 TO TMS32010 INTERFACE
An interface between the AD7863 and the TMS32010 is shown
in Figure 20. Once again the CONVST signal can be supplied
from the TMS32010 or from an external source, and the
TMS32010 is interrupted when both conversions have been
completed. The following instruction is used to read the
conversion results from the AD7863:
IN D, ADC
where:
D is data memory address.
ADC is the AD7863 address.
ADDRESS
DECODE
EN
ADDRESS BUS
PA2
PA0
MEN
INT
DEN
D15
D0
CS
A0
BUSY
RD
DB13
DB0
DATA BUS
TMS32010
AD7863*
*ADDITIONAL PINS OMITTED FOR CLARITY.
OPTIONAL
CONVST
Figure 20. AD7863 to TMS32010 Interface
AD7863 TO TMS320C25 INTERFACE
Figure 21 shows an interface between the AD7863 and the
TMS320C25. As with the two previous interfaces, conversion
can be initiated from the TMS320C25 or from an external
source, and the processor is interrupted when the conversion
sequence is completed. The TMS320C25 does not have a
separate RD output to drive the AD7863 RD input directly. This
has to be generated from the processor STRB and R/W outputs
with the addition of some logic gates. The RD signal is OR
gated with the MSC signal to provide the one WAIT state
required in the read cycle for correct interface timing.
Conversion results are read from the AD7863 using the
following instruction:
IN D, ADC
where:
D is data memory address.
ADC is the AD7863 address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com