Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7863 Datasheet HTML 2Page - Analog Devices AD7863 Datasheet HTML 3Page - Analog Devices AD7863 Datasheet HTML 4Page - Analog Devices AD7863 Datasheet HTML 5Page - Analog Devices AD7863 Datasheet HTML 6Page - Analog Devices AD7863 Datasheet HTML 7Page - Analog Devices AD7863 Datasheet HTML 8Page - Analog Devices AD7863 Datasheet HTML 9Page - Analog Devices AD7863 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD7863
Rev. B | Page 5 of 24
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, REF = Internal. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1, 2
A, B Versions
Unit
Test Conditions/Comments
tCONV
5.2
μs max
Conversion time
tACQ
0.5
μs max
Acquisition time
Parallel Interface
t1
0
ns min
CS to RD setup time
t2
0
ns min
CS to RD hold time
t3
35
ns min
CONVST pulse width
t4
45
ns min
RD pulse width
t53
30
ns min
Data access time after falling edge of RD
t64
5
ns min
Bus relinquish time after rising edge of RD
30
ns max
t7
10
ns min
Time between consecutive reads
t8
400
ns min
Quiet time
1 Sample tested at 25°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2 See Figure 2.
3 Measured with the load circuit of Figure 3 and defined as the time required for an output to cross 0.8 V or 2.0 V.
4 These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 3. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
VA1
VA2
VB1
VB2
CONVST
BUSY
A0
CS
RD
DATA
tCONV = 5.2µs
t3
t8
tACQ
t1
t4
t2
t5
t6
t7
Figure 2. Timing Diagram
TO OUTPUT
PIN
1.6mA
200µA
50pF
Figure 3. Load Circuit for Access Time and Bus Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com