Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7863 Datasheet HTML 17Page - Analog Devices AD7863 Datasheet HTML 18Page - Analog Devices AD7863 Datasheet HTML 19Page - Analog Devices AD7863 Datasheet HTML 20Page - Analog Devices AD7863 Datasheet HTML 21Page - Analog Devices AD7863 Datasheet HTML 22Page - Analog Devices AD7863 Datasheet HTML 23Page - Analog Devices AD7863 Datasheet HTML 24Page - Analog Devices AD7863 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD7863
Rev. B | Page 22 of 24
ORDERING GUIDE
Model
Input Range
Relative Accuracy
Temperature Range
Package Description
Package Option
AD7863AR-10
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-10REEL
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-10REEL7
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-101
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-10REEL1
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-10REEL71
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARS-10
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-10REEL
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-10REEL7
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-101
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-10REEL1
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-10REEL71
±10 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863BR-10
±10 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BR-10REEL
±10 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BR-10REEL7
±10 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BRZ-101
±10 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-3
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-3REEL
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-3REEL7
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-31
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARS-3
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-3REEL
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-3REEL7
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-31
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-3REEL1
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-3REEL71
±2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863BR-3
±2.5 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BR-3REEL
±2.5 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BR-3REEL7
±2.5 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863BRZ-31
±2.5 V
±2.0 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-2
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-2REEL
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863AR-2REEL7
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-21
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-2REEL1
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARZ-2REEL71
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SOIC_W
RW-28
AD7863ARS-2
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-2REEL
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARS-2REEL7
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-21
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-2REEL1
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
AD7863ARSZ-2REEL71
0 V to 2.5 V
±2.5 LSB
–40°C to +85°C
28-Lead SSOP
RS-28
EVAL-AD7863CB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com