| Electronic Components Datasheet Search |
|
AD7863 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7863 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 25 page ![]() AD7863 Rev. B | Page 19 of 24 Vector control of an ac motor involves controlling the phase in addition to drive and current frequency. Controlling the phase of the motor requires feedback information on the position of the rotor relative to the rotating magnetic field in the motor. Using this information, a vector controller mathematically transforms the three phase drive currents into separate torque and flux components. The AD7863 is ideally suited for use in vector motor control applications. A block diagram of a vector motor control application using the AD7863 is shown in Figure 24. The position of the field is derived by determining the current in each phase of the motor. Only two phase currents need to be measured because the third can be calculated if two phases are known. VA1 and VA2 of the AD7863 are used to digitize this information. Simultaneous sampling is critical to maintaining the relative phase information between the two channels. A current sensing isolation amplifier, transformer, or Hall effect sensor is used between the motor and the AD7863. Rotor information is obtained by measuring the voltage from two of the inputs to the motor. VB1 and VB2 of the AD7863 are used to obtain this information. Once again the relative phase of the two channels is important. A DSP microprocessor is used to perform the mathematical transformations and control loop calculations on the information fed back by the AD7863. DSP MICROPROCESSOR DAC DRIVE CIRCUITRY IC IB IA VB VA ISOLATION AMPLIFIERS VOLTAGE ATTENUATORS TORQUE SETPOINT FLUX SETPOINT *ADDITIONAL PINS OMITTED FOR CLARITY. DAC DAC AD7863* VA1 VA2 VB1 VB2 TORQUE AND FLUX CONTROL LOOP CALCULATIONS AND TWO TO THREE PHASE INFORMATION TRANSFORMATION TO TORQUE AND FLUX CURRENT COMPONENTS THREE PHASE MOTOR Figure 24. Vector Motor Control Using the AD7863 MULTIPLE AD7863S Figure 25 shows a system where a number of AD7863s can be configured to handle multiple input channels. This type of configuration is common in applications such as sonar and radar. The AD7863 is specified with typical limits on aperture delay. This means that the user knows the difference in the sampling instant between all channels. This allows the user to maintain relative phase information between the different channels. VA1 VB1 VA2 VB2 VA1 VB1 VA2 VB2 VA1 VB1 VA2 VB2 AD7863 (1) VREF RD CS AD7863 (2) AD7863 (n) ADDRESS DECODE ADDRESS VREF VREF RD RD CS RD CS Figure 25. Multiple AD7863s in Multichannel System A common read signal from the microprocessor drives the RD input of all AD7863s. Each AD7863 is designated a unique address selected by the address decoder. The reference output of AD7863 Number 1 is used to drive the reference input of all other AD7863s in the circuit shown in Figure 25. One VREF can be used to provide the reference to several other AD7863s. Alternatively, an external or system reference can be used to drive all VREF inputs. A common reference ensures good full- scale tracking between all channels. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |