Electronic Components Datasheet Search
  English  ▼

X  

TS68040 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TS68040
Description  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TS68040 Datasheet HTML 10Page - ATMEL Corporation TS68040 Datasheet HTML 11Page - ATMEL Corporation TS68040 Datasheet HTML 12Page - ATMEL Corporation TS68040 Datasheet HTML 13Page - ATMEL Corporation TS68040 Datasheet HTML 14Page - ATMEL Corporation TS68040 Datasheet HTML 15Page - ATMEL Corporation TS68040 Datasheet HTML 16Page - ATMEL Corporation TS68040 Datasheet HTML 17Page - ATMEL Corporation TS68040 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14
TS68040
2116A–HIREL–09/02
By reviewing the maximum ambient operating temperatures, it can be seen that by
using the all-small-buffer configuration of the TS68040 with a relatively small amount of
air flow (100 LFM), a 0-70°C ambient operating temperature can be achieved. However,
depending on the output buffer configuration and available forced-air cooling, additional
thermal management techniques may be required.
Thermal Characteristics with
a Heat Sink
In choosing a heat sink the designer must consider many factors: heat sink size and
composition, method of attachment, and choice of a wet or dry connection. The follow-
ing paragraphs discuss the relationship of these decisions to the thermal performance of
the design noticed during experimentation.
The heat sink size is one of the most significant parameters to consider in the selection
of a heat sink. Obviously a larger heat sink will provide better cooling. However, it is less
obvious that the most benefit of the larger heat sink of the pin fin type used in the exper-
imentation would be at still air conditions. Under forced-air conditions as low as 100
LFM, the difference between the
ΦCA becomes very small (0.4°C/W or less). This differ-
ence continues to decrease as the forced air flow increases. The particular heat sink
used in our testing fit the perimeter package surface area available within the capacitor
pads on the TS68040 (1.48" x 1.48") and showed a nice compromise between height
and thermal performance needs. The heat sink base perimeter area was 1.24" x 1.30"
and its height was 0.49". It was a pin-fin-type (i.e. bed of nails) design composed of Al
alloy. The heat sink is shown in Figure 5 can be obtained through Thermalloy Inc. by ref-
erencing part number 2338B.
Figure 5. Heat Sink Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com