Electronic Components Datasheet Search
  English  ▼

X  

TS68040 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TS68040
Description  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TS68040 Datasheet HTML 25Page - ATMEL Corporation TS68040 Datasheet HTML 26Page - ATMEL Corporation TS68040 Datasheet HTML 27Page - ATMEL Corporation TS68040 Datasheet HTML 28Page - ATMEL Corporation TS68040 Datasheet HTML 29Page - ATMEL Corporation TS68040 Datasheet HTML 30Page - ATMEL Corporation TS68040 Datasheet HTML 31Page - ATMEL Corporation TS68040 Datasheet HTML 32Page - ATMEL Corporation TS68040 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29
TS68040
2116A–HIREL–09/02
Figure 19. Test Access Port Timing Diagram
Functional
Description
Programming Model
The TS68040 integrates the functions of the integer unit, MMU, and FPU. As shown in
Figure 20, the registers depicted in the programming model provide access and control
for the three units. The registers are partitioned into two levels of privilege: user and
supervisor. User programs, executing in the user mode, can only use the resources of
the user model. System software, executing in the supervisor mode, has unrestricted
access to all processor resources.
The integer portion of the user programming model, consisting of 16, general-purpose,
32-bit registers and two control registers, is the same as the user programming model of
the TS68030. The TS68040 user programming model also incorporates the TS68882
programming model consisting of eight, floating-point, 80-bit data registers, a floating-
point control register, a floating-point status register, and a floating-point instruction
address register.
The supervisor programming model is used exclusively by TS68040 system program-
mers to implement operating system functions, I/O control, and memory management
subsystems. This supervisor/user distinction in the TS68000 architecture was carefully
planned so that all application software can be written to execute in the nonprivileged
user mode and migrate to the TS68040 from any TS68000 platform without modifica-
tion. Since system software is usually modified by system designers when porting to a
new design, the control features are properly placed in the supervisor programming
model. For example, the transparent translation registers of the TS68040 can only be
read or written by the supervisor software; the programming resources of user applica-
tion programs are unaffected by the existence of the transparent translation registers
Registers D0-D7 are data registers containing operands for bit and bit field (1- to 32-bit),
byte (8-bit), word (16-bit), long-word (32-bit), and quad-word (64-bit) operations. Regis-
ters A0-A6 and the stack pointer registers (user, interrupt, and master) are address
registers that may be used as software stack pointers or base address registers. Regis-
ter A7 is the user stack pointer in user mode, and is either the interrupt or master stack
pointer (A7’ or A7’’) in supervisor mode. In supervisor mode, the active stack pointer
(interrupt or master) is selected based on a bit in the status register (SR). The address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com