Electronic Components Datasheet Search
  English  ▼

X  

TS68040 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # TS68040
Description  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button TS68040 Datasheet HTML 19Page - ATMEL Corporation TS68040 Datasheet HTML 20Page - ATMEL Corporation TS68040 Datasheet HTML 21Page - ATMEL Corporation TS68040 Datasheet HTML 22Page - ATMEL Corporation TS68040 Datasheet HTML 23Page - ATMEL Corporation TS68040 Datasheet HTML 24Page - ATMEL Corporation TS68040 Datasheet HTML 25Page - ATMEL Corporation TS68040 Datasheet HTML 26Page - ATMEL Corporation TS68040 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23
TS68040
2116A–HIREL–09/02
Figure 9. Read/Write Timing
Note:
Transfer attribute signals UPAN, SIZN, TTN, TMN, TLNN, R/W, LOCK, LOCKE, CIOUT
Table 16. JTAG Timing Application (Figure 16 to Figure 19)
-55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified
(1)(2)
Num
Characteristic
Min
Max
Unit
TCK Frequency
010
MHz
1
TCK Cycle Time
100
ns
2
TCK Clock Pulse Width Measured at 1.5V
40
ns
3
TCK Rise and Fall Times
0
10
ns
4TRST Setup Time to TCK Falling Edge
40
ns
5TRST Assert Time
100
ns
6
Boundary Scan Input Data Setup Time
50
ns
7
Boundary Scan Input Data Hold Time
50
ns
8
TCK to Output Data Valid
0
50
ns
9
TCK to Output High Impedance
0
50
ns
10
TMS, TDI Data Setup Time
20
ns
11
TMS, TDI Data Hold Time
5
ns
12
TCK to TDO Data Valid
0
20
ns
13
TCK to TDO High Impedance
0
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com