Electronic Components Datasheet Search
  English  ▼

X  

TS68040 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TS68040
Description  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TS68040 Datasheet HTML 41Page - ATMEL Corporation TS68040 Datasheet HTML 42Page - ATMEL Corporation TS68040 Datasheet HTML 43Page - ATMEL Corporation TS68040 Datasheet HTML 44Page - ATMEL Corporation TS68040 Datasheet HTML 45Page - ATMEL Corporation TS68040 Datasheet HTML 46Page - ATMEL Corporation TS68040 Datasheet HTML 47Page - ATMEL Corporation TS68040 Datasheet HTML 48Page - ATMEL Corporation TS68040 Datasheet HTML 49Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45
TS68040
2116A–HIREL–09/02
196 pins – Gullwing
CQFP cavity up
* Reduce pin count shown for clarity, 49 pins per side
Symbol
Millimeters
Inches
A
4.19 max
0.165 max
A1
0.673 ± 0.2
.0265 ±.008
b
0.23 +0.05
0.23 -0.038
.009 +.002
.009 -.0015
c
0.127 +0.05
.005 +.002
0.127 -0.025
.005 -.001
D/E
33.91 ±0.25
1.335 ±.01
e
.635 BSC
.025 BSC
e1
30.48 ±0.13
1.2 ±.005
HD/HE
38.8 ±0.18
1.528 ±.007
L
0.813 ±0.2
.032 ±.008
N
196
196
R
0.55 ±0.25
.022 ±.01
R1
0.23 min
.009 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com