Electronic Components Datasheet Search
  English  ▼

X  

TS68040 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TS68040
Description  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TS68040 Datasheet HTML 14Page - ATMEL Corporation TS68040 Datasheet HTML 15Page - ATMEL Corporation TS68040 Datasheet HTML 16Page - ATMEL Corporation TS68040 Datasheet HTML 17Page - ATMEL Corporation TS68040 Datasheet HTML 18Page - ATMEL Corporation TS68040 Datasheet HTML 19Page - ATMEL Corporation TS68040 Datasheet HTML 20Page - ATMEL Corporation TS68040 Datasheet HTML 21Page - ATMEL Corporation TS68040 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18
TS68040
2116A–HIREL–09/02
Quality Conformance
Inspection
DESC/MIL-STD-883
Is in accordance with MIL-M-38535 and method 5005 of MIL-STD-883. Group A and B
inspections are performed on each production lot. Groups C and D inspection are per-
formed on a periodical basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified for inspection purposes and the
relevant measurement conditions are given below:
•
Table 12: Static electrical characteristics for the electrical variants.
•
Table 13: Dynamic electrical characteristics for TS68040 (25 MHz, 33 MHz).
For static characteristics (Table 12), test methods refer to IEC 748-2 method number,
where existing.
For dynamic characteristics (Table 13), test methods refer to clause “Static Characteris-
tics” on page 18 of this specification.
Indication of “min.” or “max.” in the column «test temperature» means minimum or max-
imum operating temperature as defined in sub-clause Table 5 here above.
Static Characteristics
Table 12. Electrical Characteristics
-55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified
(1)(2)(3)(4)
Symbol
Characteristic
Min
Max
Unit
VIH
Input High Voltage
2
VCC
V
V
IL
Input Low Voltage
GND
0.8
V
V
U
Undershoot
- 0.8
V
I
in
Input Leakage Current
at 0.5/2.4V
AVEC, BCLK BG, CDIS,
IPLn, MDIS, PCLK, RSTI, SCn,
TBI, TCI, TCK, TEA
-20
20
µA
I
TSI
Hi-z (Off-state) Leakage Current
at 0.5/2.4V
An, BB, CIOUT, Dn, LOCK,
LOCKE, R/W, SIZn, TA, TDO,
TIP, TLNn, TMn, TS, TTn, UPAn
-20
20
µA
I
IL
Signal Low Input Current
V
IL = 0.8V
TMS, TDI, TRST
-1.1
-0.18
mA
I
IH
Signal High Input Current
V
IH = 2.0V
TMS, TDI, TRST
-0.94
-0.16
mA
V
OH
Output High Voltage
Larger Buffers - I
OH = 35 mA
Small Buffers - I
OH = 5 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com