Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7712
Description  Signal Conditioning ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7712 Datasheet HTML 2Page - Analog Devices AD7712 Datasheet HTML 3Page - Analog Devices AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices AD7712 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
REV. F
AD7712
–5–
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
fCLK IN
4, 5
Master Clock Frequency: Crystal Oscillator or
Externally Supplied
400
kHz min
AVDD = 5 V
± 5%
10
MHz max
For Specified Performance
8
MHz
AVDD = 5.25 V to 10.5 V
tCLK IN LO
0.4
tCLK IN
ns min
Master Clock Input Low Time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4
tCLK IN
ns min
Master Clock Input High Time
tr
6
50
ns max
Digital Output Rise Time; Typically 20 ns
tf
6
50
ns max
Digital Output Fall Time; Typically 20 ns
t1
1000
ns min
SYNC Pulse Width
Self-Clocking Mode
t2
0
ns min
DRDY to RFS Setup Time; t
CLK IN = 1/fCLK IN
t3
0
ns min
DRDY to RFS Hold Time
t4
2
tCLK IN
ns min
A0 to
RFS Setup Time
t5
0
ns min
A0 to
RFS Hold Time
t6
4
tCLK IN + 20
ns max
RFS Low to SCLK Falling Edge
t7
7
4
tCLK IN + 20
ns max
Data Access Time (
RFS Low to Data Valid)
t8
7
tCLK IN/2
ns min
SCLK Falling Edge to Data Valid Delay
tCLK IN/2 + 30
ns max
t9
tCLK IN/2
ns nom
SCLK High Pulse Width
t10
3
tCLK IN/2
ns nom
SCLK Low Pulse Width
t14
50
ns min
A0 to
TFS Setup Time
t15
0
ns min
A0 to
TFS Hold Time
t16
4
tCLK IN + 20
ns max
TFS to SCLK Falling Edge Delay Time
t17
4
tCLK IN
ns min
TFS to SCLK Falling Edge Hold Time
t18
0
ns min
Data Valid to SCLK Setup Time
t19
10
ns min
Data Valid to SCLK Hold Time
NOTES
1Guaranteed by design, not production tested. Sample tested during initial release and after any redesign or process change that may affect this parameter. All input
signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 11 to 14.
3The AD7712 is specified with a 10 MHz clock for AV
DD voltages of 5 V
± 5%. It is specified with an 8 MHz clock for AV
DD voltages greater than 5.25 V and less
than 10.5 V.
4CLK IN duty cycle range is 45% to 55%. CLK IN must be supplied whenever the AD7712 is not in STANDBY mode. If no clock is present in this case, the
device can draw higher current than specified and possibly become uncalibrated.
5The AD7712 is production tested with f
CLK IN at 10 MHz (8 MHz for AVDD < 5.25 V). It is guaranteed by characterization to operate at 400 kHz.
6Specified using 10% and 90% points on waveform of interest.
7These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
(DVDD = +5 V
5%; AVDD = +5 V or +10 V
3
5%; VSS = 0 V or –5 V
5%; AGND = DGND =
0 V; fCLKIN =10 MHz; Input Logic 0 = 0 V, Logic 1 = DVDD, unless otherwise noted.)
TIMING CHARACTERISTICS1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com