Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7712
Description  Signal Conditioning ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7712 Datasheet HTML 16Page - Analog Devices AD7712 Datasheet HTML 17Page - Analog Devices AD7712 Datasheet HTML 18Page - Analog Devices AD7712 Datasheet HTML 19Page - Analog Devices AD7712 Datasheet HTML 20Page - Analog Devices AD7712 Datasheet HTML 21Page - Analog Devices AD7712 Datasheet HTML 22Page - Analog Devices AD7712 Datasheet HTML 23Page - Analog Devices AD7712 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
REV. F
AD7712
–19–
Table VI. Calibration Truth Table
Cal Type
MD2, MD1, MD0
Zero-Scale Cal
Full-Scale Cal
Sequence
Duration
Self-Cal
0, 0, 1
Shorted Inputs
VREF
One-Step
9
1/Output Rate
System Cal
0, 1, 0
AIN
–
Two-Step
4
1/Output Rate
System Cal
0, 1, 1
–
AIN
Two-Step
4
1/Output Rate
System Offset Cal
1, 0, 0
AIN
VREF
One-Step
9
1/Output Rate
Background Cal
1, 0, 1
Shorted Inputs
VREF
One-Step
6
1/Output Rate
Span and Offset Limits
Whenever a system calibration mode is used, there are limits on
the amount of offset and span that can be accommodated. The
range of input span in both the unipolar and bipolar modes for
AIN1 has a minimum value of 0.8
VREF/GAIN and a maxi-
mum value of 2.1
VREF/GAIN. For AIN2, both numbers are
a factor of 4 higher.
The amount of offset that can be accommodated depends on
whether the unipolar or bipolar mode is being used. This offset
range is limited by the requirement that the positive full-scale
calibration limit is
≤ 1.05
VREF/GAIN for AIN1. Therefore,
the offset range plus the span range cannot exceed 1.05
VREF/
GAIN for AIN1. If the span is at its minimum (0.8
VREF/
GAIN), the maximum the offset can be is (0.25
VREF/GAIN)
for AIN1. For AIN2, both ranges are multiplied by a factor of 4.
In the bipolar mode, the system offset calibration range is again
restricted by the span range. The span range of the converter in
bipolar mode is equidistant around the voltage used for the
zero-scale point, thus the offset range plus half the span range
cannot exceed (1.05
× V
REF/GAIN) for AIN1. If the span is
set to
2 ×VREF/GAIN, the offset span cannot move more than
±(0.05 × V
REF/GAIN) before the endpoints of the transfer func-
tion exceed the input overrange limits
±(1.05 × V
REF/GAIN) for
AIN1. If the span range is set to the minimum
±(0.4 × VREF/
GAIN), the maximum
allowable offset range is
±(0.65 × V
REF/
GAIN) for AIN1. Once again, for AIN2, both ranges are
multiplied by a factor of 4.
POWER-UP AND CALIBRATION
On power-up, the AD7712 performs an internal reset, which
sets the contents of the control register to a known state. How-
ever, to ensure correct calibration for the device, a calibration
routine should be performed after power-up.
The power dissipation and temperature drift of the AD7712 are
low and no warm-up time is required before the initial calibra-
tion is performed. However, if an external reference is being
used, this reference must have stabilized before calibration is
initiated.
Drift Considerations
The AD7712 uses chopper stabilization techniques to minimize
input offset drift. Charge injection in the analog switches and dc
leakage currents at the sampling node are the primary sources of
offset voltage drift in the converter. The dc input leakage cur-
rent is essentially independent of the selected gain. Gain drift
within the converter depends primarily upon the temperature
tracking of the internal capacitors. It is not affected by leakage
currents.
Measurement errors due to offset drift or gain drift can be elimi-
nated at any time by recalibrating the converter or by operating
the part in the background calibration mode. Using the system
calibration mode can also minimize offset and gain errors in the
signal conditioning circuitry. Integral and differential linearity
errors are not significantly affected by temperature changes.
POWER SUPPLIES AND GROUNDING
Since the analog inputs and reference input are differential,
most of the voltages in the analog modulator are common-mode
voltages. VBIAS provides the return path for most of the analog
currents flowing in the analog modulator. As a result, the VBIAS
input should be driven from a low impedance to minimize
errors due to charging/discharging impedances on this line.
When the internal reference is used as the reference source for
the part, AGND is the ground return for this reference voltage.
The analog and digital supplies to the AD7712 are independent
and separately pinned out to minimize coupling between the
analog and digital sections of the device. The digital filter will
provide rejection of broadband noise on the power supplies,
except at integer multiples of the modulator sampling frequency.
The digital supply (DVDD) must not exceed the analog positive
supply (AVDD) by more than 0.3 V in normal operation. If sepa-
rate analog and digital supplies are used, the decoupling scheme
shown in Figure 10 is recommended. In systems where AVDD =
5 V and DVDD = 5 V, it is recommended that AVDD and DVDD
are driven from the same 5 V supply, although each supply
should be decoupled separately as shown in Figure 10. It is
preferable that the common supply is the system’s analog
5 V supply.
It is also important that power is applied to the AD7712 before
signals at REF IN, AIN, or the logic input pins in order to avoid
excessive current. If separate supplies are used for the AD7712
and the system digital circuitry, then the AD7712 should be
powered up first. If it is not possible to guarantee this, then
current limiting resistors should be placed in series with the
logic inputs.
AD7712
0.1 F
0.1 F
10 F
ANALOG
SUPPLY
DIGITAL 5V
SUPPLY
AVDD
DVDD
Figure 10. Recommended Decoupling Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com