Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7712
Description  Signal Conditioning ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 1 Page - Analog Devices

  AD7712 Datasheet HTML 1Page - Analog Devices AD7712 Datasheet HTML 2Page - Analog Devices AD7712 Datasheet HTML 3Page - Analog Devices AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD7712
LC2MOS
Signal Conditioning ADC
FUNCTIONAL BLOCK DIAGRAM
CLOCK
GENERATION
SERIAL INTERFACE
OUTPUT
REGISTER
CHARGE-BALANCING A/D
CONVERTER
AUTO-ZEROED
–
MODULATOR
DIGITAL
FILTER
AD7712
AGND DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(–)
REF
IN (–)
REF
IN (+)
SYNC
4.5 A
A = 1 – 128
DRDY
TFS
RFS
REF OUT
VBIAS
VOLTAGE
ATTENUATION
AIN2
TP
STANDBY
CONTROL
REGISTER
VSS
2.5V REFERENCE
DVDD
AVDD
AVDD
M
U
X
AIN1(+)
PGA
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
High Level and Low Level Analog Input Channels
Programmable Gain for Both Inputs
Gains from 1 to 128
Differential Input for Low Level Channel
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
Bidirectional Microcontroller Serial Interface
Internal/External Reference Option
Single- or Dual-Supply Operation
Low Power (25 mW typ) with Power-Down Mode
(100
W typ)
APPLICATIONS
Process Control
Smart Transmitters
Portable Industrial Instruments
GENERAL DESCRIPTION
The AD7712 is a complete analog front end for low frequency
measurement applications. The device has two analog input
channels and accepts either low level signals directly from a trans-
ducer or high level (
±4 V
REF) signals, and outputs a serial
digital word. It employs a sigma-delta conversion technique to
realize up to 24 bits of no missing codes performance. The low
level input signal is applied to a proprietary programmable gain
front end based around an analog modulator. The high level
analog input is attenuated before being applied to the same
modulator. The modulator output is processed by an on-chip
digital filter. The first notch of this digital filter can be programmed
via the on-chip control register, allowing adjustment of the filter
cutoff and settling time.
Normally, one of the channels will be used as the main channel
with the second channel used as an auxiliary input to periodi-
cally measure a second voltage. The part can be operated from a
single supply (by tying the VSS pin to AGND), provided that the
input signals on the low level analog input are more positive
than –30 mV. By taking the VSS pin negative, the part can con-
vert signals down to –VREF on this low level input. This low level
input, as well as the reference input, features differential input
capability.
The AD7712 is ideal for use in smart, microcontroller based
systems. Input channel selection, gain settings, and signal polar-
ity can be configured in software using the bidirectional serial
port. The AD7712 also contains self-calibration, system calibra-
tion, and background calibration options, and allows the user to
read and to write the on-chip calibration registers.
CMOS construction ensures low power dissipation, and a hard-
ware programmable power-down mode reduces the standby power
consumption to only 100
µW typical. The part is available in a
24-lead, 0.3 inch wide, plastic and hermetic dual-in-line pack-
age (DIP), as well as a 24-lead small outline (SOIC) package.
PRODUCT HIGHLIGHTS
1. The low level analog input channel allows the AD7712 to
accept input signals directly from a strain gage or transducer,
removing a considerable amount of signal conditioning. To
maximize the flexibility of the part, the high level analog
input accepts signals of
±4
VREF/GAIN.
2. The AD7712 is ideal for microcontroller or DSP processor
applications with an on-chip control register that allows
control over filter cutoff, input gain, channel selection, signal
polarity, and calibration modes.
3. The AD7712 allows the user to read and to write the on-chip
calibration registers. This means that the microcontroller has
much greater control over the calibration procedure.
4. No missing codes ensures true, usable, 23-bit dynamic range
coupled with excellent
±0.0015% accuracy. The effects of
temperature drift are eliminated by on-chip self-calibration,
which removes zero-scale and full-scale errors.


Similar Part No. - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
LC2MOS Signal Conditioning ADC
REV.E
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
More results

Similar Description - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
Signal Conditioning ADC
REV.F
AD7712 AD-AD7712 Datasheet
229Kb / 28P
LC2MOS Signal Conditioning ADC
REV.E
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
Signal Conditioning ADC
REV. C
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com