Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7712
Description  Signal Conditioning ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7712 Datasheet HTML 3Page - Analog Devices AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices AD7712 Datasheet HTML 10Page - Analog Devices AD7712 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
REV. F
–6–
AD7712
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
External Clocking Mode
fSCLK
fCLK IN/5
MHz max
Serial Clock Input Frequency
t20
0
ns min
DRDY to RFS Setup Time
t21
0
ns min
DRDY to RFS Hold Time
t22
2
tCLK IN
ns min
A0 to
RFS Setup Time
t23
0
ns min
A0 to
RFS Hold Time
t24
7
4
tCLK IN
ns max
Data Access Time (
RFS Low to Data Valid)
t25
7
10
ns min
SCLK Falling Edge to Data Valid Delay
2
tCLK IN + 20
ns max
t26
2
tCLK IN
ns min
SCLK High Pulse Width
t27
2
tCLK IN
ns min
SCLK Low Pulse Width
t28
tCLK IN + 10
ns max
SCLK Falling Edge to
DRDY High
t29
8
10
ns min
SCLK to Data Valid Hold Time
tCLK IN + 10
ns max
t30
10
ns min
RFS/TFS to SCLK Falling Edge Hold Time
t31
8
5
tCLK IN/2 + 50
ns max
RFS to Data Valid Hold Time
t32
0
ns min
A0 to
TFS Setup Time
t33
0
ns min
A0 to
TFS Hold Time
t34
4
tCLK IN
ns min
SCLK Falling Edge to
TFS Hold Time
t35
2
tCLK IN – SCLK High
ns min
Data Valid to SCLK Setup Time
t36
30
ns min
Data Valid to SCLK Hold Time
NOTES
8These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number
is then extrapolated back to remove effects of charging or discharging the 100 pF capacitor. This means that the times quoted in the timing characteristics are
the true bus relinquish times of the part and, as such, are independent of external bus loading capacitances.
Specifications subject to change without notice.
TO OUTPUT
PIN
2.1V
1.6mA
200 A
100pF
Figure 1. Load Circuit for Access Time and
Bus Relinquish Time
PIN CONFIGURATION
DIP and SOIC
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7712
AVDD
VSS
TP
STANDBY
AIN1(–)
MCLK IN
MCLK OUT
A0
AIN1(+)
MODE
SCLK
SYNC
VBIAS
REF IN(–)
REF IN(+)
REF OUT
AIN2
DGND
DVDD
SDATA
DRDY
AGND
TFS
RFS
TIMING CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com