| Electronic Components Datasheet Search |
|
AD7712 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 29 page ![]() REV. F –22– AD7712 Figure 13a shows a read operation from the AD7712 where RFS remains low for the duration of the data word transmis- sion. With DRDY low, the RFS input is brought low. The input SCLK signal should be low between read and write operations. RFS going low places the MSB of the word to be read on the serial data line. All subsequent data bits are clocked out on a high to low transition of the serial clock and are valid prior to the following rising edge of this clock. The penultimate falling edge of SCLK clocks out the LSB and the final falling edge resets the DRDY line high. This rising edge of DRDY turns off the serial data output. Figure 13b shows a timing diagram for a read operation where RFS returns high during the transmission of the word and returns low again to access the rest of the data-word. Timing parameters and functions are very similar to that outlined for Figure 13a, but Figure 13b has a number of additional times to show timing relationships when RFS returns high in the middle of transferring a word. RFS should return high during a low time of SCLK. On the rising edge of RFS, the SDATA output is turned off. DRDY remains low and will remain low until all bits of the data-word are read from the AD7712, regardless of the number of times RFS changes state during the read operation. Depending on the time between the falling edge of SCLK and the rising edge of RFS, the next bit (BIT N + 1) may appear on the data bus before RFS goes high. When RFS returns low again, it activates the SDATA output. When the entire word is transmitted, the DRDY line will go high, turning off the SDATA output as per Figure 13a. RFS (I) SCLK (I) SDATA (O) LSB MSB THREE-STATE A0 (I) DRDY (O) t20 t21 t22 t23 t24 t25 t26 t27 t28 t29 Figure 13a. External Clocking Mode, Output Data Read Operation THREE-STATE MSB BIT N BIT N+1 SDATA (O) SCLK (I) RFS (I) A0 (I) DRDY (O) t20 t22 t26 t24 t25 t27 t31 t24 t25 t30 Figure 13b. External Clocking Mode, Output Data Read Operation ( RFS Returns High during Read Operation) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |