Electronic Components Datasheet Search
  English  ▼

X  

AD9847 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9847 Datasheet HTML 14Page - Analog Devices AD9847 Datasheet HTML 15Page - Analog Devices AD9847 Datasheet HTML 16Page - Analog Devices AD9847 Datasheet HTML 17Page - Analog Devices AD9847 Datasheet HTML 18Page - Analog Devices AD9847 Datasheet HTML 19Page - Analog Devices AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. A
AD9847
–18–
(3)
(2)
(1)
HD
CLPOB
CLPDM
PBLK
. . .
NOTES
PROGRAMMABLE SETTINGS:
(1) START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW)
(2) FIRST TOGGLE POSITION
(3) SECOND TOGGLE POSITION
CLAMP
CLAMP
Figure 9. Clamp and Preblank Pulse Placement
(2)
(1)
HD
HBLK
. . .
NOTES
PROGRAMMABLE SETTINGS:
(1) FIRST TOGGLE POSITION = START OF BLANKING
(2) SECOND TOGGLE POSITION = END OF BLANKING
BLANK
BLANK
Figure 10. Horizontal Blanking (HBLK) Pulse Placement
Table IV. CLPOB, CLPDM, PBLK Individual Sequence Parameters
Register Name
Length
Range
Description
SPOL
1b
High/Low
Starting Polarity of Clamp and Blanking Pulses for Sequences 0–3
TOG1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3
TOG2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3
Table V. HBLK Individual Sequence Parameters
Register Name
Length
Range
Description
HBLKMASK
1b
High/Low
Masking Polarity for H1 for Sequences 0–3 (0 = H1 Low, 1 = H1 High)
HBLKTOG1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3
HBLKTOG2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3
HORIZONTAL CLAMPING AND BLANKING
The AD9847’s horizontal clamping and blanking pulses are fully
programmable to suit a variety of applications. As with the vertical
timing generation, individual sequences are defined for each
signal and are then organized into multiple regions during image
readout. This allows the dark pixel clamping and blanking patterns
to be changed at each stage of the readout, in order to accom-
modate different image transfer timing and high speed line shifts.
Individual CLPOB, CLPDM, and PBLK Sequences
The AFE horizontal timing consists of CLPOB, CLPDM, and
PBLK, as shown in Figure 9. These three signals are indepen-
dently programmed using the registers in Table IV. SPOL is the
start polarity for the signal, and TOG1 and TOG2 are the first
and second toggle positions of the pulse. All three signals are
active low and should be programmed accordingly. Up to four
individual sequences can be created for each signal.
Individual HBLK Sequences
The HBLK programmable timing shown in Figure 10 is similar to
CLPOB, CLPDM, and PBLK. However, there is no start polarity
control. Only the toggle positions are used to designate the start
and the stop positions of the blanking period. Additionally, there
is a polarity control, HBLKMASK, that designates the polarity of
the horizontal clock signals H1–H4 during the blanking period.
Setting HBLKMASK high will set H1 = H3 = low and H2 =
H4 = high during the blanking, as shown in Figure 11. Up to
four individual sequences are available for HBLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com