Electronic Components Datasheet Search
  English  ▼

X  

AD9847 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices AD9847 Datasheet HTML 23Page - Analog Devices AD9847 Datasheet HTML 24Page - Analog Devices AD9847 Datasheet HTML 25Page - Analog Devices AD9847 Datasheet HTML 26Page - Analog Devices AD9847 Datasheet HTML 27Page - Analog Devices AD9847 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. A
AD9847
–25–
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets in
the signal chain and to track low frequency variations in the CCD’s
black level. During the optical black (shielded) pixel interval on
each line, the ADC output is compared with a fixed black level
reference, selected by the user in the clamp level register. The
value can be programmed between 0 LSB and 63.75 LSB with
8-bit resolution. The resulting error signal is filtered to reduce noise,
and the correction value is applied to the ADC input through a
D/A converter. Normally, the optical black clamp loop is turned
on once per horizontal line, but this loop can be updated more
slowly to suit a particular application. If external digital clamping
is used during the post processing, the AD9847 optical black
clamping may be disabled using Bit D2 in the OPRMODE
register. When the loop is disabled, the clamp level register may
still be used to provide programmable offset adjustment.
The CLPOB pulse should be placed during the CCD’s optical
black pixels. It is recommended that the CLPOB pulse duration
be at least 20 pixels wide to minimize clamp noise. Shorter pulse-
widths may be used, but clamp noise may increase, and the
ability to track low frequency variations in the black level will be
reduced. See the section on Horizontal Clamping and Blanking
and also the Applications Information section for timing examples.
A/D Converter
The AD9847 uses a high performance 10-bit ADC architecture,
optimized for high speed and low power. Differential nonlinearity
(DNL) performance is typically better than 0.4 LSB. The ADC
uses a 2 V input range. Better noise performance results from
using a larger ADC full-scale range. See TPC 1 and TPC 2 for
typical linearity and noise performance plots for the AD9847.
APPLICATIONS INFORMATION
External Circuit Configuration
The AD9847 recommended circuit configuration for external
mode is shown in Figure 21. All signals should be carefully
routed on the PCB to maintain low noise performance. The CCD
output signal should be connected to Pin 29 through a 0.1
µF
capacitor. The CCD timing signals H1–H4 and RG should be
routed directly to the CCD with minimum trace lengths, as shown
in Figures 22a and 22b. The digital outputs and clock inputs are
located on Pins 1–12 and Pins 36–44 and should be connected
to the digital ASIC, away from the analog and CCD clock signals.
The CLI signal from the ASIC may be routed under the package
to Pin 23. This will help separate the CLI signal from the H1–H4
and RG signal routing.
Grounding and Decoupling Recommendations
As shown in Figure 21, a single ground plane is recommended
for the AD9847. This ground plane should be as continuous as
possible, particularly around Pins 25 – 35. This will ensure that
all analog decoupling capacitors provide the lowest possible
impedance path between the power and bypass pins and their
respective ground pins. All decoupling capacitors should be located
as close as possible to the package pins. Placing series resistors
close to the digital output pins (Pins 1–12) may help reduce
digital code transition noise. If the digital outputs must drive a
load larger than 20 pF, buffering is recommended to minimize
additional noise.
Power supply decoupling is very important in achieving low noise
performance. Figure 21 shows the local high frequency decoupling
capacitors, but additional capacitance is recommended for lower
frequencies. Additional capacitors and ferrite beads can further
reduce noise.
3V
DIGITAL
SUPPLY
SERIAL
INTERFACE
3
CCD
SIGNAL
CLOCK
INPUTS
6
0.1 F
36
35
34
33
32
31
30
29
28
27
26
25
3V
DRIVER
SUPPLY
13 14 15 16
CLOCK
INPUT
17 18 19 20 21 22 23 24
1
2
RG DRIVER
SUPPLY
3
H DRIVER
SUPPLY
4
5
6
7
8
9
10
11
3V
ANALOG
SUPPLY
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SL
REFT
REFB
CMLEVEL
0.1 F
AVSS3
AVDD3
BYP3
(LSB) D0
D1
1 F
D2
D3
D4
DVSS3
1 F
DVDD3
D5
D6
D7
D8
CCDIN
BYP2
BYP1
AVDD2
AD9847
(MSB) D9
AVSS2
3V
ANALOG
SUPPLY
0.1 F
3V
ANALOG
SUPPLY
DATA
OUTPUTS
10
0.1 F 0.1 F 0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
HIGH-SPEED
CLOCKS
5
Figure 21. Recommended Circuit Configuration for External Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com