Electronic Components Datasheet Search
  English  ▼

X  

AD9847 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9847 Datasheet HTML 16Page - Analog Devices AD9847 Datasheet HTML 17Page - Analog Devices AD9847 Datasheet HTML 18Page - Analog Devices AD9847 Datasheet HTML 19Page - Analog Devices AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices AD9847 Datasheet HTML 23Page - Analog Devices AD9847 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. A
AD9847
–20–
H-Counter Synchronization
The H-Counter reset occurs on the sixth CLI rising edge following
the HD falling edge. The PxGA steering is synchronized with the
reset of the internal H-Counter (see Figure 13).
POWER-UP PROCEDURE
Recommended Power-Up Sequence
When the AD9847 is powered up, the following sequence is
recommended (refer to Figure 14 for each step).
1. Turn on power supplies for AD9847.
2. Apply the master clock input CLI, VD, and HD.
3. The Precision Timing core must be reset by writing a “0” to the
TGCORE_RSTB Register (Address x026) followed by writ-
ing a “l” to the TGCORE_RSTB Register. This will start the
internal timing core operation. Next, initialize the internal
000
1
12
111
0
03
11
00
01234
5
6
7
89
10
11
12
14
15
01
2
3
02
3
4
H-COUNTER
RESET
VD
NOTES
1. INTERNAL H-COUNTER IS RESET ON THE SIXTH CLI RISING EDGE FOLLOWING THE HD FALLING EDGE.
2. PxGA STEERING IS SYNCHRONIZED WITH THE RESET OF THE INTERNAL H-COUNTER (MOSAIC SEPARATE MODE IS SHOWN).
3. VD FALLING EDGE SHOULD OCCUR ONE CLOCK CYCLE BEFORE HD FALLING EDGE FOR PROPER PxGA LINE SYNCHRONIZATION.
HD
XX
XX
X
X
X
PxGA GAIN
REGISTER
CLI
XX
XX
X
X
X
H-COUNTER
(PIXEL COUNTER)
3ns MIN
23
5
3ns MIN
X
X
Figure 13. H-Counter Synchronization
VDD
(INPUT)
SERIAL
WRITES
VD
(OUTPUT)
1 H
ODD FIELD
EVEN FIELD
DIGITAL
OUTPUTS
CLOCKS ACTIVE WHEN OUT_CONT REGISTER IS
UPDATED AT VD/HD EDGE
H1/H3, RG
H2/H4
tPWR
CLI
(INPUT)
HD
(OUTPUT)
1V
***
***
***
***
Figure 14. Recommended Power-Up Sequences
circuitry by first writing “110101” or “53” decimal to the
INITIAL1 Register (Address x020). Finally, write “000100”
or “4” decimal to the INITIAL2 Register (Address x00F).
4. Write a “1” to the PREVENTUPDATE Register (Address x019).
This will prevent the updating of the serial register data.
5. Write to the desired registers to configure high speed timing
and horizontal timing.
6. Write a “1” to the OUT_CONT Register (Address x016).
This will allow the outputs to become active after the next
VD/HD rising edge.
7. Write a “0” to the PREVENTUPDATE Register (Address x019).
This will allow the serial information to be updated at the
next VD/HD falling edge.
8. The next VD/HD falling edge allows register updates to occur,
including OUT_CONT, which enables all clock outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com