Electronic Components Datasheet Search
  English  ▼

X  

AD9847 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9847
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9847 Datasheet HTML 20Page - Analog Devices AD9847 Datasheet HTML 21Page - Analog Devices AD9847 Datasheet HTML 22Page - Analog Devices AD9847 Datasheet HTML 23Page - Analog Devices AD9847 Datasheet HTML 24Page - Analog Devices AD9847 Datasheet HTML 25Page - Analog Devices AD9847 Datasheet HTML 26Page - Analog Devices AD9847 Datasheet HTML 27Page - Analog Devices AD9847 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REV. A
AD9847
–26–
17
CCD IMAGER
SIGNAL
OUT
18
13
14
20
29
H2
RG
H3
H4
H1
H2
H1
RG
AD9847
CCDIN
Figure 22a. CCD Connections (2 H-Clock)
CCD IMAGER
SIGNAL
OUT
13
14
20
29
RG
H3
H4
H2
H1
RG
AD9847
CCDIN
H2
H1
17
18
H1
H2
Figure 22b. CCD Connections (4 H-Clock)
Driving the CLI Input
The AD9847’s master clock input (CLI) may be used in two
different configurations, depending on the application. Figure 23a
shows a typical dc-coupled input from the master clock source.
When the dc-coupled technique is used, the master clock signal
should be at standard 3 V CMOS logic levels. As shown in
Figure 23b, a 1000 pF ac-coupling capacitor may be used between
the clock source and the CLI input. In this configuration, the CLI
input will self-bias to the proper dc voltage level of approximately
1.4 V. When the ac-coupled technique is used, the master clock
signal can be as low as
±500 mV in amplitude.
CLI
23
MASTER
CLOCK
AD9847
ASIC
Figure 23a. CLI Connection, DC-Coupled
CLI
23
MASTER
CLOCK
AD9847
ASIC
LPF
1nF
Figure 23b. CLI Connection, AC-Coupled
Internal Mode Circuit Configuration
The AD9847 may be used in internal mode using the circuit
configuration of Figure 24. Internal mode uses the same circuit as
Figure 21, except that the horizontal pulses (CLPOB, CLPDM,
PBLK, and HBLK) are internally generated in the AD9847.
These pins may be grounded when internal mode is used. Only
the HD and VD signals are required from the ASIC.
HD/VD
INPUTS
2
44
39
43
42
41
40
AD9847
Figure 24. Internal Mode Circuit Configuration
TIMING EXAMPLES FOR DIFFERENT SEQUENCES
2
4
48
10
V
H
28
SEQUENCE 3
SEQUENCE 2
SEQUENCE 2
Figure 25. Typical CCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com