Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
RESET
ALERT
IN+
IN-
GND
CMPIN
CMPREF
10 k:
RPULLUP
+
-
0 V to 26 V
+
-
G = 20, 50,
100, 200
R1
R2
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381
Copyright © 2017, Texas Instruments Incorporated
< 10
< 10
VOUT
17
INA381
www.ti.com
SBOS848 – DECEMBER 2017
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 5 lists the external resistors required at the input of the CMPIN pin to set the hysteresis.
Table 5. Hysteresis Resistor Selection
HYSTERESIS VOLTAGE
EXTERNAL RESISTOR AT THE CMPIN PIN
50 mV
0 Ω
75 mV
6.25 kΩ
100 mV
12.5 kΩ
125 mV
18.75 kΩ
150 mV
25 kΩ
200 mV
37.5 kΩ
250 mV
50 kΩ
300 mV
62.5 kΩ
7.4.3 Using the INA381 With Common-Mode Transients Above 26 V
With a small amount of additional circuitry, the INA381 can be used in circuits subject to transients higher than
26 V. Use only Zener diodes or Zener-type transient absorbers (sometimes referred to as transzorbs)—any other
type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors as shown in
Figure 9 as a working impedance for the Zener diode. Keep these resistors as small as possible; most often
approximately 10
Ω. Larger values can be used with an effect on gain that is discussed in the Input Filtering
section. This circuit limits only short-term transients and, therefore, many applications are satisfied with a 10-
Ω
resistor along with conventional Zener diodes of the lowest acceptable power rating. This combination uses the
least amount of board space. These diodes can be found in packages as small as SOT-523 or SOD-523.
Figure 9. Transient Protection
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. Figure 9 shows that the most package-efficient solution involves using a single
transzorb and back-to-back diodes between the device inputs. The most space-efficient solutions are dual,
series-connected diodes in a single SOT-523 or SOD-523 package. In either of the examples provided in
Figure 9 and Figure 10, the total board area required by the INA381 with all protective components is less than
that of an SOIC-8 package, and only slightly greater than that of a VSSOP-8 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com