Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IN+
IN-
-0.2 V to 26 V
RSENSE
Power Supply
IN+
IN-
RSENSE
High-Side Sensing
Common-mode voltage (VCM)
is bus-voltage dependent.
Low-Side Sensing
Common-mode voltage (VCM)
is always near ground and is
isolated from bus-voltage spikes.
GND
Load
8
INA381
SBOS848 – DECEMBER 2017
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Wide Input Common-Mode Voltage Range
The INA381 supports input common-mode voltages from –0.2 V to 26 V. Because of the internal topology, the
common-mode range is not restricted by the power-supply voltage (VS) as long as VS stays within the operational
range of 2.7 V to 5.5 V. As Figure 1 shows, the ability to operate with common-mode voltages greater or less
than VS allows the INA381 to be used in high-side (and low-side) current-sensing applications.
Figure 1. High-Side and Low-Side Current Sensing
7.3.2 Precise Low-Side Current Sensing
When used in low-side current-sensing applications, the offset voltage of the INA381 is less than 150 µV. The
low offset performance of the INA381 has several benefits. First, the low offset allows the device to be used in
applications that must measure current over a wide dynamic range. In this case, the low offset improves the
accuracy when the sense currents are on the low end of the measurement range. Another advantage of low
offset is the ability to sense lower voltage drop across the sense resistor accurately, thus allowing for a lower-
value shunt resistor. Lower-value shunt resistors reduce power loss in the current-sense circuit, and help
improve the power efficiency of the end application.
The gain error of the INA381 is specified to be within 1% of the actual value. As the sensed voltage becomes
much larger than the offset voltage, this gain error becomes the dominant source of error in the current-sense
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com