Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 1 Page - Texas Instruments

  INA381 Datasheet HTML 1Page - Texas Instruments INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VOUT
RESET
ALERT
IN+
IN-
VS+
GND
CMPIN
CMPREF
10 k:
RPULLUP
+
-
0 V to 26 V
+
-
G = 20, 50,
100, 200
ADC
GPIO
GPIO
R1
R2
Microcontroller
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
INA381
SBOS848 – DECEMBER 2017
INA381 26-V, Low-Cost, Zero-Drift, Voltage-Output,
Current-Shunt Monitor With Integrated Comparator
1
1 Features
1
•
Common-Mode Input Range: –0.2 V to 26 V
•
High Accuracy Amplifier:
–
Offset Voltage, VCM = 12 V: 500 µV
(Maximum)
–
Offset Voltage, VCM = 0 V: 150 µV (Maximum)
–
Offset Voltage Drift: 1 µV/°C (Maximum)
–
Gain Error: 1% (Maximum)
–
Gain Error Drift: 20 ppm/°C (Maximum)
•
Available Amplifier Gains:
–
INA381A1: 20 V/V
–
INA381A2: 50 V/V
–
INA381A3: 100 V/V
–
INA381A4: 200 V/V
•
Comparator Specifications:
–
Hysteresis: 50 mV
–
Response Time: 500 ns
–
Alert Threshold Set Through External
Reference Voltage
•
Open-Drain Comparator Output With Latching
Mode
•
Package: WSON-8 (2 mm × 2 mm)
2 Applications
•
Overcurrent Protection
•
Power-Supply Protection
•
Low-Side Phase Motor Control
•
Computers and Servers
•
Telecom Equipment
3 Description
The INA381 device includes both a 26-V common-
mode, current-sensing amplifier and a high-speed
comparator
configured
to
detect
overcurrent
conditions through measuring the voltage developed
across a current-shunt resistor and comparing that
voltage to a defined threshold limit set by the
comparator reference pin. The current-shunt monitor
can measure differential voltage signals on common-
mode voltages that can vary from –0.2 V up to 26 V,
independent of the supply voltage.
The open-drain alert output can be configured to
operate in either a transparent mode where the
output status follows the input state or in a latched
mode where the alert output is cleared when the latch
is reset. The standalone comparator alert response
time is under 5 µs, allowing for quick detection of
overcurrent events. The total system overcurrent
protection provided by the INA381 is under 10 µs.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 400 µA.
The device is specified over the extended operating
temperature
range
(–40°C
to
+125°C),
and
is
available in an 8-pin WSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA381
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - INA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA381 TI1-INA381 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
2Mb / 43P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
INA381 TI2-INA381 Datasheet
2Mb / 44P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
REVISED OCTOBER 2019
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
More results

Similar Description - INA381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA301 TI-INA301 Datasheet
135Kb / 7P
INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
logo
ON Semiconductor
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
logo
Texas Instruments
INA381 TI1-INA381_18 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com